Electronic Components Datasheet Search
  English  ▼

X  

F5268 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F5268
Description  26GHz 8-Channel, Half-Duplex Transceiver IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F5268 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F5268 Datasheet HTML 1Page - Renesas Technology Corp F5268 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Short-Form Datasheet
F5268
26GHz 8-Channel, Half-Duplex Transceiver IC
Rev.1.2
May 28, 2021
Page 1
© 2021 Renesas Electronics
The F5268 is an 8-channel half-duplex transceiver
(TRX) silicon integrated circuit (IC). The device is
designed using a SiGe BiCMOS process for dual-
polarization 5G phased-array applications at n258
and n261 bands. The core IC has highly flexible gain
and phase control on each channel to achieve fine
beam steering and gain compensation between
radiating channels.
The F5268 includes a standard SPI protocol that
operates up to 65MHz with fast beam switching and
fast beam-state loading. Up to 16 devices can be
supported on the same SPI bus using dedicated
address pins. Each device uses a 2.5V analog
supply and a selectable 2.5V/3.3V PA supply to
provide dual TX power modes. The digital core and
SPI use a 1.8V supply generated by an on-chip LDO.
Block Diagram
Features
■
24.25 - 27.5GHz operation (5G NR n258/n261)
■
8 radiation channels
■
100ns typical TX/RX mode switching time
■
20ns typical gain and phase settling time
■
1.4° typical RMS phase error
■
0.2dB typical RMS gain error
■
30.5dB gain attenuation range
■
Integrated PTAT, PTAT2, and Bandgap generator
■
Internal temperature sensor and power detector
■
4-bit chip address (hard-wired/programmable)
■
Up to 65MHz SPI control
■
2048 on-chip programmable beam states
■
Analog supply voltage: +2.4V to +2.6V
■
Dedicated PA supply voltage: selectable between
+2.4V to +2.6V and +3.0V to +3.3V
■
5.1 × 5.1 × 0.8 mm, 118-FCCSP package
■
-40°C to +95°C operating temperature range
Applications
■
5G Single/Dual-Polarization Phased-Array
Antenna System
■
Beam Steering
Ordering Information
Part Number
Package (mm)
Carrier Type
RA81F5268STGBX#BC0
5.1 × 5.1 × 0.8
118-FCCSP
Tray
RA81F5268STGBX#KC0
5.1 × 5.1 × 0.8
118-FCCSP
Reel
RTKA81F5268ST000RU
Eval. Board
-
Det
Det
Det
Det
RF1V
RF1H
RF2H
RF2V
RF4V
RF4H
RF3H
RF3V
RFCV
RFCH
Det
Det
Det
Det
SPI
Tsensor
Pdet
Memory
Bias Gen./
Temp Comp.
LDO
EFUSE


Similar Part No. - F5268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5268ANGI RENESAS-F5268ANGI Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5268ANGI8 RENESAS-F5268ANGI8 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5268EVB RENESAS-F5268EVB Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5268EVS RENESAS-F5268EVS Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
More results

Similar Description - F5268

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
HALF-DUPLEX RS-485 TRANSCEIVER
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Analog Devices
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com