Electronic Components Datasheet Search
  English  ▼

X  

159608 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 159608
Description  Air preparation unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

159608 Datasheet(HTML) 1 Page - Festo Corporation.

  159608 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air preparation unit
FRC-1/8-D-MINI-A
Part number: 159608
Data sheet
Feature
Value
Size
Mini
Series
D
Actuator lock
Rotary knob with detent
Mounting position
Vertical +/- 5°
Condensate drain
Fully automatic
Structural design
Filter regulator with pressure gauge
Proportional standard oil mist lubricator
Max. condensate volume
22 ml
Grade of filtration
40 µm
Bowl guard
Metal bowl guard
Symbol
00991509
Pressure gauge
with pressure gauge
Operating pressure
2 bar ... 12 bar
Pressure regulation range
0.5 bar ... 12 bar
Max. pressure hysteresis
0.2 bar
Standard nominal flow rate
700 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:9:-]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:8:-]
Inert gas
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
660 g
Type of mounting
Line installation
With accessories
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Note on materials
RoHS-compliant
Housing material
Die-cast zinc
Material of bowl
PC
8/21/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 159608

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1596080000 WEIDMULLER-1596080000 Datasheet
94Kb / 5P
BLZ 5.00/4 SN SW
1596080000 WEIDMULLER-1596080000 Datasheet
94Kb / 5P
BLZ 5.00/12 SN SW
1596080000 WEIDMULLER-1596080000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
1596080000 WEIDMULLER-1596080000 Datasheet
94Kb / 5P
BLZ 5.00/10 SN OR
1596080000 WEIDMULLER-1596080000 Datasheet
94Kb / 5P
BLZ 5.00/24 SN OR
More results

Similar Description - 159608

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537658 FESTO-537658 Datasheet
91Kb / 2P
Air preparation unit
2/10/22
162753 FESTO-162753 Datasheet
85Kb / 1P
Air preparation unit
8/11/22
186510 FESTO-186510 Datasheet
89Kb / 1P
Air preparation unit
8/11/22
192649 FESTO-192649 Datasheet
83Kb / 1P
Air preparation unit
8/11/22
192658 FESTO-192658 Datasheet
86Kb / 1P
Air preparation unit
8/11/22
173883 FESTO-173883 Datasheet
87Kb / 1P
Air preparation unit
8/16/22
173885 FESTO-173885 Datasheet
87Kb / 1P
Air preparation unit
8/16/22
173891 FESTO-173891 Datasheet
86Kb / 1P
Air preparation unit
8/16/22
159589 FESTO-159589 Datasheet
87Kb / 1P
Air preparation unit
8/17/22
186504 FESTO-186504 Datasheet
86Kb / 1P
Air preparation unit
8/17/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com