Electronic Components Datasheet Search
  English  ▼

X  

MN102H60G Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN102H60G
Description  Microcomputers/Controllers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN102H60G Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN102H60G Datasheet HTML 1Page - Panasonic Semiconductor MN102H60G Datasheet HTML 2Page - Panasonic Semiconductor MN102H60G Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MN102H60G , MN102H60K
Timer Counter (Continue)
Timer counter 9 : 16-bit
× 1 (timer output, event count, input capture, PWM output, 2-phase encoder input)
Clock source ····················· underflow of timer counter 0, 4; TM9IOB pin; 1/2 of system clock (BOSC)
frequency; 2-phase encode of TM9IOA pin/TM9IOB pin (1
×, 4 ×)
Interrupt source ················ underflow of timer counter 9; timer counter 9 compare capture A;
timer counter 9 compare capture B
Timer counter 10 : 16-bit
× 1 (timer output, event count, input capture, PWM output, 2-phase encoder input)
Clock source ····················· underflow of timer counter 0, 4; TM10IOB pin; 1/2 of system clock (BOSC)
frequency; 2-phase encode of TM10IOA pin/TM10IOB pin (1
×, 4 ×)
Interrupt source ················ underflow of timer counter 10; timer counter 10 compare capture A;
timer counter 10 compare capture B
Timer counter 11 : 16-bit
× 1 (timer output, event count, input capture, PWM output, 2-phase encoder input)
Clock source ····················· underflow of timer counter 0, 4; TM11IOB pin; 1/2 of system clock (BOSC)
frequency; 2-phase encode of TM11IOA pin/TM11IOB pin (1
×, 4 ×)
Interrupt source ················ underflow of timer counter 11; timer counter 11 compare capture A;
timer counter 11 compare capture B
Timer counter 12 : 16-bit
× 1 (timer output, event count, input capture, PWM output, 2-phase encoder input)
Clock source ····················· underflow of timer counter 0, 4; 1/2 of system clock (BOSC) frequency;
2-phase encode of TM12IOA pin/TM12IOB pin (1
×, 4 ×), TM12IOB pin
Interrupt source ················ underflow of timer counter 12; timer counter 12 compare capture A;
timer counter 12 compare capture B
Timer counter 13, 14 : 8-bit
× 1 (simple PWM output)
Clock source ····················· 1/2 of system clock (BOSC) frequency; underflow of timer counter 0
Timer counter 15 : 16-bit
× 1 (pulse width measurement)
Clock source ····················· system clock (BOSC); 1/2 of system clock (BOSC) frequency; underflow of
timer counter 0; TM15IB pin
Connectable
timer counter 13, 14
Serial Interface
Serial 0, 1 : 8-bit
× 1 (transfer direction of MSB / LSB selectable, transmission / reception of 7, 8-bit length)
Clock source ····················· 1/8 of timer counter 1 underflow frequency; 1/8, 1/2 of timer counter 2
underflow frequency; external pin
Serial 2, 3 : 8-bit
× 1 (transfer direction of MSB / LSB selectable, transmission / reception of 7, 8-bit length)
Clock source ····················· 1/8 of timer counter 4 underflow frequency; 1/8, 1/2 of timer counter 5
underflow frequency; external pin
Serial 4 : 8-bit
× 1 (transfer direction of MSB / LSB selectable, transmission / reception of 7, 8-bit length)
Clock source ····················· 1/8 of timer counter 1 underflow frequency; 1/8, 1/2 of timer counter 5
underflow frequency; external pin
UART
× 2 (common use with serial 3, 4)
I2C
× 2 (common use with serial 3,4; single master)
I/O Pins
82
• Common use : 46 (address data separate 8-bit mode) • Common use : 53 (address data multiplex 8-bit mode)
I/O
A/D Inputs
10-bit
× 8-ch. (with S/H)
PWM
16-bit
× 5-ch. (timer counter 8 to 12)
ICR
16-bit
× 5-ch. (timer counter 8 to 12)
OCR
16-bit
× 5-ch. (timer counter 8 to 12)
Notes
Address / data multiplex bus interface, address / data separate bus interface,
8-bit / 16-bit bus width selectable
See the next page for electrical characteristics, pin assignment and support tool.
MAE00005EEM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com