Electronic Components Datasheet Search
  English  ▼

X  

2N2222AS-AB Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2N2222AS-AB
Description  General Purpose Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS-AB Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2N2222AS-AB Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS-AB Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS-AB Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS-AB Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS-AB Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COLLECTOR
3
1
BASE
2
EMITTER
S E M IC O NDUC TO R
TECHNICAL DATA
2N2222AS-AB
SOT-23
1. FEATURES
• Silicon NPN transistor in a SOT-23 Plastic Package
• Collector currents up to 600 mA, Qualified to AEC-Q101
Standards for High Reliability, HF Product
• General purpose amplifier, Meet the stringent requirements
of automotive applications
2. DEVICE MARKING AND ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC)
4. THERMAL CHARACTERISTICS
1. FR–5 = 1.0×0.75×0.062 in.
General Purpose Transistors NPN Silicon
Device
Marking
Shipping
2N2222AS-AB
Q1P
3000/Tape&Reel
Parameter
Symbol
Limits
Unit
Collector–Emitter Voltage
VCEO
40
V
Collector–Base Voltage
VCBO
75
V
Emitter–Base Voltage
VEBO
6
V
Collector Current — Continuous
IC
600
mA
Parameter
Symbol
Limits
Unit
Total Device Dissipation,
PD
FR
−5 Board (Note 1) @ TA = 25ºC
225
mW
Derate above 25ºC
1.8
mW/ºC
Thermal Resistance,
Junction–to–Ambient(Note 1)
RθJA
556
ºC/W
Junction–to–Case
RθJC
300
ºC/W
Junction and Storage temperature
TJ,Tstg
−55~+150
ºC
2022. 04. 28
Revision No : 0
1/5


Similar Part No. - 2N2222AS-AB

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
2N2222AS-AL FS-2N2222AS-AL Datasheet
641Kb / 6P
General Purpose Transistors NPN Silicon
2022. 04. 21 Revision No : 0
More results

Similar Description - 2N2222AS-AB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com