Electronic Components Datasheet Search
  English  ▼

X  

2N2222AS-AL Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # 2N2222AS-AL
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS-AL Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  2N2222AS-AL Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 5Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2022. 04. 21
3/6
Revision No : 0
2N2222AS-AL
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
SWITCHING CHARACTERISTICS
Delay Time
Rise Time
Storage Time
Fall Time
2.Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2.0%.
ns
(VCC = 30 V,VEB=-0.5V,
IC = 150mA, IB1 = 15
mA)
(VCC = 30 V, IC = 150
mA,IB1 = IB2 = 15 mA)
-
-
10
td
tr
-
-
25
ts
-
-
225
tf
-
-
60



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com