Electronic Components Datasheet Search
  English  ▼

X  

2N3906S-AL Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2N3906S-AL
Description  General Purpose Transistors PNP Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3906S-AL Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2N3906S-AL Datasheet HTML 1Page - First Silicon Co., Ltd 2N3906S-AL Datasheet HTML 2Page - First Silicon Co., Ltd 2N3906S-AL Datasheet HTML 3Page - First Silicon Co., Ltd 2N3906S-AL Datasheet HTML 4Page - First Silicon Co., Ltd 2N3906S-AL Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2022. 04. 21
2/5
Revision No : 0
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
OFF CHARACTERISTICS
Characteristic
Collector–Emitter Breakdown Voltage
(IC = -1.0 mAdc, IB = 0)
Collector–Base Breakdown Voltage
(IC = -10 μAdc, IE = 0)
Emitter–Base Breakdown Voltage
(IE = -10 μAdc, IC = 0)
Collector Cutoff Current
( VCE = -30 Vdc, VEB = -3.0Vdc)
Base Cutoff Current
(VCE = -30 Vdc, VEB = -3.0Vdc)
ON CHARACTERISTICS (Note 2.)
DC Current Gain
(IC = -0.1 mAdc, VCE = -1.0 Vdc)
(IC = -1.0 mAdc, VCE = -1.0 Vdc)
(IC = -10 mAdc, VCE = -1.0 Vdc)
(IC = -50 mAdc, VCE = -1.0 Vdc)
(IC = -100 mAdc, VCE = -1.0 Vdc)
Collector–Emitter Saturation Voltage
(IC = -10 mAdc, IB = -1.0 mAdc)
(IC = -50 mAdc, IB = -5.0 mAdc)
Base–Emitter Saturation Voltage
(IC = -10 mAdc, IB = -1.0 mAdc)
(IC = -50 mAdc, IB = -5.0 mAdc)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = -10mAdc, VCE= -20Vdc, f = 100MHz)
Output Capacitance
(VCB = -5.0 Vdc, IE = 0, f = 1.0 MHz)
Input Capacitance
(VEB = -0.5 Vdc, IC = 0, f = 1.0 MHz)
SWITCHING CHARACTERISTICS
Delay Time
Rise Time
Storage Time
Fall Time
2.Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2.0%.
(VCC = -3.0 Vdc,VBE=0.5Vdc,
IC = -10mAdc, IB1 = -1.0 mAdc)
(VCC = -3.0 Vdc, IC = -10
mAdc,IB1 = IB2 = -1.0 mAdc)
pF
ns
-
-
35
td
tr
-
-
35
ts
-
-
225
tf
-
-
75
V
V
nA
nA
V
V
MHz
30
-
-
-
-
-0.25
-
-
-0.4
-0.65
-
-0.85
-
-
-0.95
fT
250
-
-
VBE(sat)
Cobo
Cibo
-
-
4.5
-
-
10
pF
Unit
VBR(CEO)
V
-40
-
-
Symbol
Min.
VBR(CBO)
-40
-
-
VBR(EBO)
-5
-
-
Typ.
Max.
ICEX
-
-
-50
VCE(sat)
IBL
-
-
-50
HFE
60
-
80
-
-
100
-
300
60
-
-
-
2N3906S-AL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com