Electronic Components Datasheet Search
  English  ▼

X  

MICRF405 Datasheet(PDF) 44 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 44 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 38Page - Micrel Semiconductor MICRF405 Datasheet HTML 39Page - Micrel Semiconductor MICRF405 Datasheet HTML 40Page - Micrel Semiconductor MICRF405 Datasheet HTML 41Page - Micrel Semiconductor MICRF405 Datasheet HTML 42Page - Micrel Semiconductor MICRF405 Datasheet HTML 43Page - Micrel Semiconductor MICRF405 Datasheet HTML 44Page - Micrel Semiconductor MICRF405 Datasheet HTML 45Page - Micrel Semiconductor MICRF405 Datasheet HTML 46Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Micrel
MICRF405
April 2006
44
M9999-041906
(408) 955-1690
FSK/ASK 315MHz
Item
Part
Value
Description
Manufacturer
Part Number
1
C1
-
See Table 17
2
C2
-
See Table 17
3
C4
10p
Capacitor, 0603, ±5%, COG, 50V, -55,+125°C
Kyocera
CM105CG100J50A
4
C5
100pF
Capacitor, 0603, ±5%, COG, 50V, -55,+85°C
Kyocera
CM105CG101J50A
5
C6
10p
Capacitor, 0603, ±5%, COG, 50V, -55,+125°C
Kyocera
CM105CG100J50A
6
C10
100nF
Capacitor, 0603, ±10%, X7R, 16V, -55,+125°C
Kyocera
CM105X7R104K16A
7
C12
10nF
Capacitor, 0603, ±10%, X7R, 50V, -55,+125°C
Kyocera
CM105X7R103K50A
8
C13
100nF
Capacitor, 0603, ±10%, X7R, 16V, -55,+125°C
Kyocera
CM105X7R104K16A
9
C14
100nF
Capacitor, 0603, ±10%, X7R, 16V, -55,+125°C
Kyocera
CM105X7R104K16A
10
C16
100nF
Capacitor, 0603, ±10%, X7R, 16V, -55,+125°C
Kyocera
CM105X7R104K16A
11
C17
10nF
Capacitor, 0603, ±10%, X7R, 50V, -55,+125°C
Kyocera
CM105X7R103K50A
12
R1
-
See Table 17
13
R5
82k
Resistor, 0603, ±1%, 50V, -55,+125°C
Kyocera
CR10-8202F
14
L1
47nH
Inductor, 0603, ±5%, -40,+125°C
Coilcraft
0603CS-47NXJB
15
L2
47nH
Inductor, 0603, ±5%, -40,+125°C
Coilcraft
0603CS-47NXJB
16
Y1
16MHz
Crystal, TSX-10A, ±10ppm, -20,+75°Cl
Toyocom
TN4-26011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com