Electronic Components Datasheet Search
  English  ▼

X  

LM2771SDX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2771SDX
Description  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2771SDX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2771SDX Datasheet HTML 2Page - National Semiconductor (TI) LM2771SDX Datasheet HTML 3Page - National Semiconductor (TI) LM2771SDX Datasheet HTML 4Page - National Semiconductor (TI) LM2771SDX Datasheet HTML 5Page - National Semiconductor (TI) LM2771SDX Datasheet HTML 6Page - National Semiconductor (TI) LM2771SDX Datasheet HTML 7Page - National Semiconductor (TI) LM2771SDX Datasheet HTML 8Page - National Semiconductor (TI) LM2771SDX Datasheet HTML 9Page - National Semiconductor (TI) LM2771SDX Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Operation Description
OVERVIEW
The LM2771 is a switched capacitor converter that produces
a regulated, low voltage output. The core of the part is a
highly efficient charge pump that utilizes fixed frequency
pre-regulation and Pulse Frequency Modulation to minimize
ripple and power losses over wide input voltage and output
current ranges. A description of the principal operational
characteristics of the LM2771 is detailed in the Circuit De-
scription, and Efficiency Performance sections. These
sections refer to details in the Block Diagram.
CIRCUIT DESCRIPTION
The core of the LM2771 is a two-phase charge pump con-
trolled by an internally generated non-overlapping clock. The
charge pump operates by using an external flying capacitor,
C1, to transfer charge from the input to the output. At input
voltages below 3.5V (typ.) the LM2771 operates in a "pass
mode", with the input current being equal to the load current.
At input voltages above 3.5V (typ.) the part utilizes a gain of
1
⁄2, resulting in an input current equal to half the load current.
The two phases of the switched capacitor switching cycle will
be referred to as the "charge phase" and the "discharge
phase". During the charge phase, the flying capacitor is
charged by the input supply. After half of the switching cycle
[ t = 1/(2xF
SW) ], the LM2771 switches to the discharge
phase. In this configuration, the charge that was stored on
the flying capacitor in the charge phase is transferred to the
output.
The LM2771 uses fixed frequency pre-regulation to regulate
the output voltage to 1.5V during moderate to high load
currents. The input and output connections of the flying
capacitor is made with internal MOS switches. Pre-
regulation limits the gate drive of the MOS switch connected
between the voltage input and the flying capacitor. Control-
ling the on resistance of this switch limits the amount of
charge transferred into and out of the flying capacitor during
the charge and discharge phases, and in turn helps to keep
the output ripple very low.
When output currents are low (<30mA typ.), the LM2771
automatically switches to a low-ripple Pulse Frequency
Modulation (PFM) form of regulation. In PFM mode, the
flying capacitor stays in the discharge phase until the output
voltage drops below a predetermined trip point. When this
occurs, the flying capacitor switches back to the charge
phase. After being charged, the flying capacitor repeats the
process of staying in the discharge phase and switching to
the charge phase when necessary.
EFFICIENCY PERFORMANCE
Charge-pump efficiency is derived in the following two ideal
equations (supply current and other losses are neglected for
simplicity):
I
IN =GxIOUT
E=(V
OUT xIOUT)÷(VIN xIIN)=VOUT ÷(GxVIN)
In the equations, G represents the charge pump gain. Effi-
ciency is at its highest as GxV
IN approaches VOUT. Refer to
the efficiency graph in the Typical Performance Character-
istics section for detailed efficiency data. The transition
between Pass mode and the gain of 1⁄2 is clearly distin-
guished by the sharp discontinuity in the efficiency curve.
SHUTDOWN
The LM2771 is in shutdown mode when the voltage on the
enable pin (EN) is logic-low. In shutdown, the LM2771 draws
virtually no supply current. When in shutdown, the output of
the LM2771 is completely disconnected from the input. The
internal feedback resistors will pull the output voltage down
to 0V.
SOFT START
The LM2771 employs soft start circuitry to prevent excessive
input inrush currents during startup. At startup, the output
voltage gradually rises from 0V to the nominal output volt-
age. This occurs in 150µs (typ.). Soft-start is engaged when
the part is enabled, including situations where voltage is
established simultaneously on the V
IN and EN pins.
THERMAL SHUTDOWN
Protection from damage related to overheating is achieved
with a thermal shutdown feature. When the junction tem-
perature rises to 150oC (typ.), the part switches into shut-
down mode. The LM2771 disengages thermal shutdown
when the junction temperature of the part is reduced to
140oC (typ.). Due to the high efficiency of the LM2771,
thermal shutdown and/or thermal cycling should not be en-
countered when the part is operated within specified input
voltage, output current, and ambient temperature operating
ratings. If thermal cycling is seen under these conditions, the
most likely cause is an inadequate PCB layout that does not
allow heat to be sufficiently dissipated out of the LLP pack-
age.
CURRENT LIMIT PROTECTION
The LM2771 charge pump contains current limit protection
circuitry that protects the device during V
OUT fault conditions
where excessive current is drawn. Output current is limited
to 500mA (typ).
Application Information
RECOMMENDED CAPACITOR TYPES
The LM2771 requires 3 external capacitors for proper opera-
tion. Surface-mount multi-layer ceramic capacitors are rec-
ommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR,
≤ 15mΩ
typ.). Tantalum capacitors, OS-CON capacitors, and alumi-
num electrolytic capacitors generally are not recommended
for use with the LM2771 due to their high ESR, as compared
to ceramic capacitors.
For most applications, ceramic capacitors with an X7R or
X5R temperature characteristic are preferred for use with the
LM2771. These capacitors have tight capacitance tolerance
(as good as ±10%) and hold their value over temperature
(X7R: ±15% over -55oC to 125oC; X5R: ±15% over -55oCto
85oC).
Capacitors with a Y5V or Z5U temperature characteristic are
generally not recommended for use with the LM2771. These
types of capacitors typically have wide capacitance toler-
ance (+80%, -20%) and vary significantly over temperature
(Y5V: +22%, -82% over -30oCto+85oC range; Z5U: +22%,
-56% over +10oCto+85oC range). Under some conditions, a
1µF-rated Y5V or Z5U capacitor could have a capacitance
as low as 0.1µF. Such detrimental deviation is likely to cause
Y5V and Z5U capacitors to fail to meet the minimum capaci-
tance requirements of the LM2771.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com