Electronic Components Datasheet Search
  English  ▼

X  

F6123AVGI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F6123AVGI
Description  Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6123AVGI Datasheet(HTML) 2 Page - Renesas Technology Corp

  F6123AVGI Datasheet HTML 1Page - Renesas Technology Corp F6123AVGI Datasheet HTML 2Page - Renesas Technology Corp F6123AVGI Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F6123 Short-Form Datasheet
© 2020 Renesas Electronics Corporation
2
June 4, 2020
Ordering Information
Orderable Part Number
Package
MSL Rating
Carrier Type
Temperature
F6123AVGI
3.8
 4.6  0.9 mm 63-BGA
3
Tray
-40°C to +85°C
F6123AVGI8
3.8
 4.6  0.9 mm 63-BGA
3
Reel
-40°C to +85°C
F6123EVS
F6123 Evaluation System. Includes Digital Interface Board, RF Evaluation Board, USB Cable, Power Supply
Cable, Digital Interconnect Cable, Evaluation Software, Device Drivers and RF De-embed Files.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com