Electronic Components Datasheet Search
  English  ▼

X  

F1763 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1763
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1763 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1763 Datasheet HTML 1Page - Renesas Technology Corp F1763 Datasheet HTML 2Page - Renesas Technology Corp F1763 Datasheet HTML 3Page - Renesas Technology Corp F1763 Datasheet HTML 4Page - Renesas Technology Corp F1763 Datasheet HTML 5Page - Renesas Technology Corp F1763 Datasheet HTML 6Page - Renesas Technology Corp F1763 Datasheet HTML 7Page - Renesas Technology Corp F1763 Datasheet HTML 8Page - Renesas Technology Corp F1763 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
RF to IF Single Downconverting Mixer
2000MHz to 2900MHz
IDT Zero-Distortion
TM Mixer
4
RevO December 2013
IDTF1763NBGI
Datasheet
IDTF1763 SPECIFICATION
Refer to Typical Application Circuit when operated with VCC = +5.0V, TC= +25°C, FRF = 2500 MHz, FIF = 200 MHz, FLO = 2300 MHz, PLO = 0
dBm, output power = +1dBm per tone, STBY = GND unless otherwise noted. Transformer loss is de-embedded unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For Standby Pin
VIH
2
V
Logic Input Low
For Standby Pin
VIL
0.8
1
V
Logic Current
For Standby Pin
IIH, IIL
-1
+1
μA
Supply Current
Total VCC
ISUPP
200
215
mA
Supply Current
Standby Mode
STBY = V
IH
ISTBY
25
33
mA
LO Power
PLO
-3
2
+3
dBm
Settling Time
 Pin = -13 dBm
 Gate STBY from V
IH to VIL
 Time for IF Signal to settle to within
1 dB of final value
TSETT
130
nsec
Gain
F
RF = 2000MHz
F
LO = 1800MHz
GLB
12.2
dB
F
RF = 2500MHz
F
LO = 2300MHz
GMB
10.7
11.7
13
F
RF = 2900MHz
F
LO = 2700MHz
GHB
11
Noise Figure
F
RF = 2100MHz
F
LO = 1900MHz
NFLB
9.2
dB
F
RF = 2500MHz
F
LO = 2300MHz
NFMB
9.7
F
RF = 2900MHz
F
LO = 2700MHz
NFHB
10.9
NF w/Blocker
+100 MHz offset blocker
P
IN = +4 dBm
NFBLK
20
dB
Output IP3
F
RF1 = 2100MHz
F
LO = 1900MHz
P
IN = -10dBm per tone
5MHz Tone Separation
OIP3LB
35
40
dBm
F
RF1 = 2500MHz
F
LO = 2300MHz
P
IN = -10dBm per tone
5MHz Tone Separation
OIP3MB
34
42
F
RF1 = 2500MHz
F
LO = 2700MHz
P
IN = -10dBm per tone
5MHz Tone Separation
OIP3MB
45
F
RF1 = 2900MHz
F
LO = 2700MHz
P
IN = -10dBm per tone
5MHz Tone Separation
OIP3HB
35
40
2RF
– 2LO rejection
P
RF = -10dBm
Frequency = 2400MHz
2x2
-74
-65
dBc
2
nd Harmonic
Pout = -3dBm
H2
-72
-67
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com