Electronic Components Datasheet Search
  English  ▼

X  

LTC9102 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC9102
Description  DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC9102 Datasheet(HTML) 4 Page - Analog Devices

  LTC9102 Datasheet HTML 1Page - Analog Devices LTC9102 Datasheet HTML 2Page - Analog Devices LTC9102 Datasheet HTML 3Page - Analog Devices LTC9102 Datasheet HTML 4Page - Analog Devices LTC9102 Datasheet HTML 5Page - Analog Devices LTC9102 Datasheet HTML 6Page - Analog Devices LTC9102 Datasheet HTML 7Page - Analog Devices LTC9102 Datasheet HTML 8Page - Analog Devices LTC9102 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DEMO MANUAL DC3160A
Rev. 0
QUICK START PROCEDURE
Figure 3. DC3160A-KIT Connections
Table 2. DC3160A-KIT Power Supply Voltage per PSE Type
IEEE 802.3 TYPE, MAX CLASS
SUPPLY VOLTAGE RANGE
Type 2 or 3, Up to Class 6
51V to 57V
Type 4, Up to Class 8
53V to 57V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com