Electronic Components Datasheet Search
  English  ▼

X  

FS3A010170D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FS3A010170D
Description  Silicon Carbide Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FS3A010170D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FS3A010170D Datasheet HTML 1Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 2Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 3Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S E M IC O NDUC TO R
TECHNICAL DATA
FS3A010170D
FS3A010170D
Silicon Carbide Schottky Diode
Features
Zero Reverse Recovery Current
Zero Forward Recovery Voltage
Positive Temperature Coefficient on VF
Temperature-independent Switching
175°C Operating Junction Temperature
Benefits
Replace Bipolar with Unipolar Device
Reduction of Heat Sink Size
Parallel Devices Without Thermal Runaway
Essentially No Switching Losses
Applications
Switch Mode Power Supplies
Power Factor Correction
Motor drive, PV Inverter, Wind Power Station
Package
Maximum Ratings
Symbol
Parameter
Value
Unit
Test Conditions
Note
VRRM
Repetitive Peak Reverse Voltage
1700
V
TC = 25℃
VRSM
Surge Peak Reverse Voltage
1700
V
TC = 25℃
VR
DC Blocking Voltage
1700
V
TC = 25℃
IF
Forward Current
22
10
A
TC
≤ 135℃
TC
≤ 162℃
IFSM
Non-Repetitive Forward Surge Current
110
A
TC = 25℃, tp = 8.3ms, Half Sine Wave
Ptot
Power Dissipation
300
W
TC = 25℃
Fig.3
TJ, TSTG
Operating Junction and Storage Temperature
-55 to
175
℃
TO-247 Mounting Torque
1
Nm
M3 Screw
=
1700
V
VRRM
IF ( TC
≤135℃)
QC
=
22
A
=
106
nC
Part Number
Package
Marking
FS3A010170D
TO-247-2
FS3A010170D
1
TO-247-2
2
2021. 11. 24
Revision No : 0
1/4


Similar Part No. - FS3A010170D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS3A ETC1-FS3A Datasheet
87Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFERS
FS3A ETC1-FS3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Rectifier
logo
Shenzhen Luguang Electr...
FS3A LUGUANG-FS3A Datasheet
247Kb / 2P
3.0AMPS. Surface Mount Fast Recovery Rectifiers
logo
YENYO TECHNOLOGY Co., L...
FS3A YENYO-FS3A Datasheet
665Kb / 2P
Surface Mount Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
FS3A ZSELEC-FS3A Datasheet
73Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY DIODE
More results

Similar Description - FS3A010170D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com