Electronic Components Datasheet Search
  English  ▼

X  

FTV0571PA Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTV0571PA
Description  1-Line Uni-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV0571PA Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTV0571PA Datasheet HTML 1Page - First Silicon Co., Ltd FTV0571PA Datasheet HTML 2Page - First Silicon Co., Ltd FTV0571PA Datasheet HTML 3Page - First Silicon Co., Ltd FTV0571PA Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2021. 05. 12
2/4
Revision No : 0
FTV0571PA
Absolute Maximum Ratings (Tamb=25°C unless otherwise specified)
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
W
Peak Pulse Current (8/20µs)
Ipp
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
±30
±30
800
80
Parameter
Symbol Min
Typ
Max
Unit Test Condition
Reverse Working Voltage
VRWM
V
Breakdown Voltage
VBR
V
IT = 1mA
Reverse Leakage Current
IR
A
Clamping Voltage
VC
V
Clamping Voltage
VC
V
5
Junction Capacitance
CJ
pF
VR = 0V, f = 1MHz
VRWM = 5V
u
1
Ipp=1A(8x 20us pulse)
Ipp=85A(8x 20us pulse)
6
10
370
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com