Electronic Components Datasheet Search
  English  ▼

X  

SDF0110-8W Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SDF0110-8W
Description  With low holding and latching current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SDF0110-8W Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SDF0110-8W Datasheet HTML 1Page - First Silicon Co., Ltd SDF0110-8W Datasheet HTML 2Page - First Silicon Co., Ltd SDF0110-8W Datasheet HTML 3Page - First Silicon Co., Ltd SDF0110-8W Datasheet HTML 4Page - First Silicon Co., Ltd SDF0110-8W Datasheet HTML 5Page - First Silicon Co., Ltd SDF0110-8W Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2021. 05. 21
2/6
Revision No : 0
SDF01
I
t
n
e
rr
u
c
e
t
a
g
k
a
e
P
GM
2
A
Average gate power dissipation
PG(AV)
0.5
W
P
r
e
w
o
p
e
t
a
g
k
a
e
P
GM
5
W
ELECTRICAL CHARACTERISTICS (Tj=25 unless otherwise specified)
Symbol
Test Condition
Quadrant
Value
Unit
IGT
VD=12V RL=33
- -
MAX
5
5
mA
5
10
VGT
ALL
MAX
1.3
V
VGD
VD=VDRM Tj=125
RL=3.3K
ALL
MIN
0.2
V
IL
IG=1.2IGT
-
MAX
5
5
mA
-
10
20
IH
IT
A
m
7
5
X
A
M
A
m
0
0
2
=
dV/dt
VD=2/3VDRM Gate Open Tj=125
MIN
15
50
V/ s
STATIC CHARACTERISTICS
Symbol
Parameter
Value(MAX)
Unit
VTM
ITM=1.4A tp=380 s
Tj=25
1.5
V
I
DRM
VD=VDRM VR=VRRM
Tj=25
5
A
IRRM
Tj=125
500
A
THERMAL RESISTANCES
ti
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Rth(j-c)
junction to case(AC)
TO-92
60
/W
SOT-89/SOT-223/
SOT-89-2L/
SOT-223-2L
31



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com