Electronic Components Datasheet Search
  English  ▼

X  

SDF0110-621 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SDF0110-621
Description  With low holding and latching current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SDF0110-621 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SDF0110-621 Datasheet HTML 1Page - First Silicon Co., Ltd SDF0110-621 Datasheet HTML 2Page - First Silicon Co., Ltd SDF0110-621 Datasheet HTML 3Page - First Silicon Co., Ltd SDF0110-621 Datasheet HTML 4Page - First Silicon Co., Ltd SDF0110-621 Datasheet HTML 5Page - First Silicon Co., Ltd SDF0110-621 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCTOR
TECHNICAL DATA
SDF01
2021. 05. 21
1/6
Revision No : 0
MAIN FEATURES
Symbol
Value
Unit
IT(RMS)
1
A
ITSM
16
A
VTM
1.5
V
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40 - 150
Operating junction temperature range
Tj
-40 - 125
Repetitive peak off-state voltage (Tj=25
)
VDRM
600/800
V
Repetitive peak reverse voltage (Tj=25
)
VRRM
600/800
V
Non repetitive surge peak off-state voltage
VDSM
VDRM + 100
V
Non repetitive peak reverse voltage
VRSM
VRRM + 100
V
RMS on-state current
TO-92 (TC=51
)
IT(RMS)
1
A
SOT-89/ SOT-223/
SOT-89-2L/
SOT-223-2L
(TC=70
)
Non repetitive surge peak on-state current
(full cycle, F=50Hz)
ITSM
16
A
I
2t value for fusing (tp=10ms)
I
2t
1.28
A
2s
Critical rate of rise of on-state current
(IG=2
IGT)
dI/dt
20
A/ s
DESCRIPTION:
With low holding and latching current, SDF01
series triacs are especially recommended for
use on middle and small resistance type power
load.
T1(1)
G(3)
T2(2)
SOT-223
TO-92
1 3
2
1
2
3
SOT-89-2L
1
2
3
SOT-223-2L
1
3
2
SOT-89
2
3
1


Similar Part No. - SDF0110-621

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDF02N20 SAMHOP-SDF02N20 Datasheet
218Kb / 11P
Rugged and reliable
SDF02N65 SAMHOP-SDF02N65 Datasheet
193Kb / 11P
Rugged and reliable
logo
VBsemi Electronics Co.,...
SDF03N08 VBSEMI-SDF03N08 Datasheet
1Mb / 9P
Power MOSFET
logo
SamHop Microelectronics...
SDF03N80 SAMHOP-SDF03N80 Datasheet
195Kb / 11P
Rugged and reliable
logo
VBsemi Electronics Co.,...
SDF03N80 VBSEMI-SDF03N80 Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - SDF0110-621

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP4666 ZARLINK-SP4666 Datasheet
266Kb / 5P
Prescaler with low current and low radiation
logo
Bourns Electronic Solut...
TISP4XXXH4BJ BOURNS-TISP4XXXH4BJ Datasheet
386Kb / 13P
HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
41KD ETC-41KD Datasheet
459Kb / 8P
Interrupt Holding Register
logo
Bourns Electronic Solut...
TISP4165H4BJ BOURNS-TISP4165H4BJ_07 Datasheet
356Kb / 11P
HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Glenair, Inc.
600F005 GLENAIR-600F005 Datasheet
161Kb / 1P
Connector Holding Tool
600FF005 GLENAIR-600FF005 Datasheet
160Kb / 1P
Connector Holding Tool
600H005 GLENAIR-600H005 Datasheet
161Kb / 1P
Connector Holding Tool
600HH005 GLENAIR-600HH005 Datasheet
161Kb / 1P
Connector Holding Tool
logo
TE Connectivity Ltd
MDR TEC-MDR Datasheet
352Kb / 2P
AC and DC coils, latching and non-latching
logo
Littelfuse
PLED64S LITTELFUSE-PLED64S Datasheet
509Kb / 4P
PLED Ultra Low Holding Current Series
2018 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com