Electronic Components Datasheet Search
  English  ▼

X  

M65853 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M65853
Description  DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65853 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M65853 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65853 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65853 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65853 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65853 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65853 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65853 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65853 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65853 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ELECTRIC
MITSUBISHI
(
/ 1 7 )
M65853FP
MITSUBISHI SOUND PROCESSOR ICs
KARAOKE
50SSEERRII EESS
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
some
parametric
limits
are
subject
to change.
PR
ELI
MIN
AR
Y
Notice
; This
is not
a final
specification.
ELECTRICAL CHARACTERISTICS
Icc
No
Zi
Symbol
Parameter
Test conditions
Limits
Unit
Circuit current
Maximum output voltage
Output noise voltage
Input impedance
mA
dB
dBV
Vrms
Min
Typ
Max
No signal provided
THD=10%
10
( Vcc=5V,f=1kHz,vi=100mVrms,Ta=25°C Unless otherwise noted )
Gvo
Amplifier gain
47
THD1
0.1
3.0
-72
VoALC
TALCAT
msec
Gv
I/O voltage gain
Volume max
dB
Volume min
ALC operating voltage
measurement error
measurement : -10 to +3dBV
C=4.7µF
40
ALC attack time
Vo = -17dBV
Distortion
Vo = -17dBV,with ALC not operated
%
%
THD2
Distortion
Vi= -37dBV,with ALC operated
0dB
TALCRE ALC recovery time
C=4.7µF
1.5
sec
VoMAX
Gv=47dB,f=100 to 5KHz
-68
1.4
0
ATTmax Maximum attenuation
THD
Distortion
Volume max
THD=10%
0.15
Vrms
1.7
dBV
%
5
35
20
0.5
6.0
-67
55
+3
2.0
-57
—
+3
0.30
—
5
—
—
25
-3
1.0
1.3
-3
1.4
—
Output noise voltage
JIS - A
No
-96
dBV
-90
Maximum input voltage
ViMAX
-72
Gv
I/O voltage gain
Volume max
dB
Volume min
0
ATTmax Maximum attenuation
THD
Distortion
Volume max
THD=10%
0.15
Vrms
1.1
dBV
%
-67
+3
0.30
—
-3
1.4
Output noise voltage
JIS - A
No
-96
dBV
-90
Maximum output voltage
VoMAX
—
—
—
—
—
—
—
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com