Electronic Components Datasheet Search
  English  ▼

X  

TL1016 Datasheet(PDF) 6 Page - E-SWITCH

Part # TL1016
Description  TL1016 Series Tact Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1016 Datasheet(HTML) 6 Page - E-SWITCH

  TL1016 Datasheet HTML 1Page - E-SWITCH TL1016 Datasheet HTML 2Page - E-SWITCH TL1016 Datasheet HTML 3Page - E-SWITCH TL1016 Datasheet HTML 4Page - E-SWITCH TL1016 Datasheet HTML 5Page - E-SWITCH TL1016 Datasheet HTML 6Page - E-SWITCH TL1016 Datasheet HTML 7Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.e-switch.com
800.867.2717
6
TL1016 Series Tact Switch
Body Dimensions
Tape and Reel
SHEET OF
5
5
5/4/2022
OBJECT ID: TL1016Catalog Drawing Tape and Reel
LABEL
REEL
330.00
[
12.992 in]
DRAWING DIRECTION
13.00
[
.512 in]
2.00
[.079 in]
21.00
[
.827 in]
2.10
[.083 in]
12.00
[.472 in]
1.75
[.069 in]
5.50
[.217 in]
8.00
[.315 in]
5.50
[.217 in]
5.10
[.201 in]
9.30
[.366 in]
COVER TAPE
.35
[.014 in]
2.00
[.079 in]
4.00
[.157 in]
1.50
[
.059 in]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com