Electronic Components Datasheet Search
  English  ▼

X  

FS-1416 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS-1416
Description  FIBER DUCT KIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS-1416 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS-1416 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel 914.793.0700 | Fax 914.793.4527 | jonard.com
Premier Tool Manufacturer Since 1958
Fiber Duct Kit - TK-260
|
Data Sheet
Featuring our most popular slitting, ringing, and cutting tools, this Fiber Duct Kit provides a large range of tools needed to
access ducts to repair or replace fiber optic cable. This tool kit features the following:
• MDC-14, MDC-28, MDC-64 have triangular blades that provide square and straight cuts by holding the tubing in
place
• FS-1416 allows you to score and ring 14/10 and 16/10 fiber optic microducts without any adjustments to the tool
• TC-300 performs radial cuts on 1/4” to 3” (6.3 - 76 mm) copper, brass, aluminum and plastic tubes
• RCS-30 creates mid-span slits and window cuts in large ducts and heavy-duty cables using a unique ratcheting
design
• H-90 Rugged 21 Pocket Tool Case neatly stores these tools
SPECIFICATIONS
DIMENSIONS
10 in x 11 in x 8 in (25.4 cm x 27.94 cm x 20.32 cm)
WEIGHT
7.95 lb (3606.06 g)
UPC #
810053352014


Similar Part No. - FS-1416

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
FS-100 KEISO-FS-100 Datasheet
152Kb / 8P
FS-100
Sep 2022
logo
List of Unclassifed Man...
FS-105-X ETC2-FS-105-X Datasheet
60Kb / 1P
ION PUMP HIGH VOLTAGE CABLE
logo
SOVICO corp.
FS-10T SOVICO-FS-10T Datasheet
483Kb / 1P
FASHION SPEAKER
logo
Omega Engineering, Inc.
FS-110-20-1000 OMEGA-FS-110-20-1000 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
FS-110-20-500 OMEGA-FS-110-20-500 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
More results

Similar Description - FS-1416

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH1851AC SYSTEMSENSOR-DH1851AC Datasheet
497Kb / 2P
Duct Detectors
logo
Glenair, Inc.
GTK1000-A-A GLENAIR-GTK1000-A-A Datasheet
224Kb / 1P
Fiber Optic Testing Kit
187-017 GLENAIR-187-017 Datasheet
788Kb / 2P
Glenair Fiber Optic Termination Kit
187-018 GLENAIR-187-018 Datasheet
217Kb / 1P
Glenair Fiber Optic Termination Kit
logo
Winchester Electronics ...
SD7760-000-00709Z WINCHESTER-SD7760-000-00709Z Datasheet
121Kb / 1P
KIT-CONTACT W/ PRE-POLISHED FIBER FOR FIBER OPTIC CAMERA JACK
SD7760-000-00711Z WINCHESTER-SD7760-000-00711Z Datasheet
116Kb / 1P
PRE-POLISHED FIBER CONTACT KIT FOR FIBER OPTIC CAMERA JACK
logo
Tripp Lite. All Rights ...
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
logo
PANDUIT CORP.
FOCTT2-PKIT PANDUIT-FOCTT2-PKIT Datasheet
159Kb / 1P
FIBER OPTICAM PREMIUM TERMINATION KIT
logo
Tripp Lite. All Rights ...
SRCOOL7KDUCT TRIPPLITE-SRCOOL7KDUCT Datasheet
163Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL7KRM
SRCOOLTPDUCT TRIPPLITE-SRCOOLTPDUCT Datasheet
57Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL3KTP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com