Electronic Components Datasheet Search
  English  ▼

X  

4884 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4884
Description  SOP-8 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4884 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4884 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4884 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4884 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4884 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4884 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
A
ID@TC=70℃
Continuous Drain Current, VGS @ 10V
1
7.0
A
IDM
Pulsed Drain Current
2
A
EAS
Single Pulse Avalanche Energy
3
mJ
IAS
Avalanche Current
9
A
PD@TA=25℃
Total Power Dissipation
4
2.0
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
40
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
25
℃
/W
Absolute Maximum Ratings
Thermal Data
Page 1
Dec.2017
9
50
23
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4884
N-Channel Enhancement Mode Power MOSFET
Description
The 4884 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
PRODUCT SUMMARY
VDSS
ID
30V
9.0
99A
7.0A
@ VGS
P
= 10V
25 @ VGS
P
= 4.5V
RDS(on) (m ) Max
21
D1
D2
S1
G1
S2
G2
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
SOP-8
Equivalent Cir cuit
MARKING
4884
o
TFCYWP
Y :year code W :week code
www.sztuofeng.com


Similar Part No. - 4884

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
4884 RAKON-4884 Datasheet
455Kb / 3P
Monolithic Crystal Filter
20 January 2023
logo
Keystone Electronics Co...
4884 KEYSTONE-4884 Datasheet
97Kb / 1P
SM STANDOFF
4.11.16
logo
Filtran LTD
4884-12 FILTRAN-4884-12 Datasheet
94Kb / 1P
Power Transformers Low Profile
4884-15 FILTRAN-4884-15 Datasheet
94Kb / 1P
Power Transformers Low Profile
4884-18 FILTRAN-4884-18 Datasheet
94Kb / 1P
Power Transformers Low Profile
More results

Similar Description - 4884

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
Plastic-Encapsulate MOSFETS
logo
Shenzhen Tuofeng Semico...
9435 TUOFENG-9435 Datasheet
3Mb / 5P
SOP-8 Plastic-Encapsulate MOSFETS
v1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com