Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # D882
Description  SOT-89 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

D882 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  D882 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co D882 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO. LTD
SOT-89 Plastic-Encapsulate Transistors
D882
D882 SOT-89
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
3
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS(Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC = 100μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC = 10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 40V, IE=0
1
µA
Collector cut-off current
ICEO
VCE= 30V, IB=0
10
µA
Emitter cut-off current
IEBO
VEB= 6V, IC=0
1
µA
hFE(1)
VCE=2V, IC= 1A
60
400
DC current gain
hFE(2)
VCE=2V, IC= 100mA
32
Collector-emitter saturation voltage
VCE(sat)
IC= 2A, IB= 0.2 A
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= 2A, IB= 0.2 A
1.5
V
Transition frequency
fT
VCE= 5V , Ic=0.1A
f =10MHz
50
MHz
CLASSIFICATION OF hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6_1 Datasheet
118Kb / 2P
SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
WILLAS ELECTRONIC CORP
2SA1201 WILLAS-2SA1201 Datasheet
351Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SB766 WILLAS-2SB766 Datasheet
338Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SB1188 WILLAS-2SB1188 Datasheet
531Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SB1308 WILLAS-2SB1308 Datasheet
482Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SC1766 WILLAS-2SC1766 Datasheet
362Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SD1898 WILLAS-2SD1898 Datasheet
268Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
B772 WILLAS-B772 Datasheet
353Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
BC869 WILLAS-BC869 Datasheet
427Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
logo
Shenzhen Tuofeng Semico...
B772 TUOFENG-B772 Datasheet
3Mb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com