Electronic Components Datasheet Search
  English  ▼

X  

LM78M05 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # LM78M05
Description  TO-251/TO-252-2L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

LM78M05 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  LM78M05 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co LM78M05 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 2 3
2
Co
0.1μF
TO-251/TO-252-2L Plastic-Encapsulate Transistors
LM78M05 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM: 0.5 A
Output voltage
VO: 5V
Continuous total dissipation
PD: 1.25 W
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
25
V
Operating Junction Temperature Range
TOPR
0-+125
℃
Storage Temperature Range
TSTG
-65-+150
℃
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE
(Vi=10V,Io=350mA, Ci=0.33μF,Co=0.1μF,unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
25
℃
4.8
5
5.2
V
Output voltage
Vo
7V≤V i≤20V, Io=5mA-350mA
Po≤ 15W
0-125
℃
4.75
5
5.25
V
Io=5mA-0.5A
25
℃
15
100
mV
Load Regulation
ΔVo
Io=5mA-200mA
25
℃
5
50
mV
7V≤V i≤25V, Io=200mA
25
℃
3
100
mV
Line regulation
ΔVo
8V≤V i≤25V, Io=200mA
25
℃
1
50
mV
Quiescent Current
Iq
25
℃
4.2
6
mA
ΔIq
8V≤V i≤25V, Io=200mA
0-125
℃
0.8
mA
Quiescent Current Change
ΔIq
5mA≤IO≤350mA
0-125
℃
0.5
mA
Output Noise Voltage
VN
10Hz≤ f ≤100KHz
25
℃
40
200
uV
Ripple Rejection
RR
8V≤Vi≤18V,f=120Hz,Io=300mA
0-125
℃
62
80
dB
Dropout Voltage
Vd
Io=350mA
25
℃
2
2.5
V
Short Circuit Current
Isc
Vi=10V
25
℃
300
mA
Peak Current
Ipk
25
℃
0.
5
A
TYPICAL APPLICATION
Vi
1
3
Vo
UTC
Ci
0.33μF
TO-251
TO-252-2L
1.IN
2.GND
3.OUT
0.5A
LM78M05
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO. LTD


Similar Part No. - LM78M05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
88Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
Guangdong Kexin Industr...
LM78M05 KEXIN-LM78M05 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78M05 FCI-LM78M05 Datasheet
529Kb / 7P
LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
297Kb / 9P
3-Terminal 0.5 A Positive Voltage Regulator
logo
Texas Instruments
LM78M05 TI1-LM78M05 Datasheet
1Mb / 22P
3-Terminal 500-mA Positive Voltage Regulators
More results

Similar Description - LM78M05

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ78M06-TO251-3L ZPSEMI-CJ78M06-TO251-3L Datasheet
651Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M08-TO251-3L ZPSEMI-CJ78M08-TO251-3L Datasheet
613Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M12-TO251-3L ZPSEMI-CJ78M12-TO251-3L Datasheet
1,002Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M15 ZPSEMI-CJ78M15 Datasheet
1Mb / 2P
TO-251/TO-252-2L Plastic-Encapsulate Regulators
CJ7812-TO251 ZPSEMI-CJ7812-TO251 Datasheet
519Kb / 1P
TO-251/TO-252-2L Plastic-Encapsulate Voltage Regulators
logo
Jiangsu Changjiang Elec...
2SB1184 JIANGSU-2SB1184 Datasheet
1Mb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SB1261 JIANGSU-2SB1261 Datasheet
918Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
logo
Shenzhen Huazhimei Semi...
HM78M05 HMSEMI-HM78M05 Datasheet
384Kb / 2P
TO-251/TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
MJD3055 DGNJDZ-MJD3055 Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com