Electronic Components Datasheet Search
  English  ▼

X  

HPP Datasheet(PDF) 1 Page - Alpha Wire

Part # HPP
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

HPP Datasheet(HTML) 1 Page - Alpha Wire

  HPP Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Numbers: HPP7-HPP29
Issue:
3
Spec Number: HPP
Issue Date:
08/15/2018
Page 1 of 1 Pages
Effective Date:
08/15/2018
Although Alpha Wire ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of
or in connection with the use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-
52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A. Technical Details
1) Material
a) Body
PA 6 (Polyamide 6)
b) O-ring
CR (Chloroprene Rubber)
2) Color
a) Gray, RAL 7001
b) Black, RAL 9005
3) Flammability
a) V2
(According to UL94)
4) Temperature Rating
a) Permanent
-20°C to +100°C
b) Intermittent
-30°C to +150°C
5) Thread Type
a) PG according to DIN 40430
Thread Size
Thread Length
TL
mm
inch
Height
H
mm
inch
Outer Ø
D
mm
inch
Sealing Type
Part Number
PG 7
6,0
0.236
3,0
0.118
15,0
0.590
O-ring
HPP7
PG 9
6,0
0.236
3,0
0.118
19,5
0.768
HPP9
PG 11
6,0
0.236
3,0
0.118
22,0
0.866
HPP11
PG 13.5
6,0
0.236
3,0
0.118
24,7
0.972
HPP13
PG16
6,0
0.236
3,4
0.134
27,0
1.060
HPP16
PG 21
8,0
0.315
4,0
0.157
33,0
1.300
HPP21
PG 29
8,0
0.315
3,2
0.126
44,0
1.730
HPP29
B. Packaging Requirements
1) Standard Package
10 plugs per package


Similar Part No. - HPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPP MSYSTEM-HPP Datasheet
117Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPP-11-R MSYSTEM-HPP-11-R Datasheet
117Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPP-11-R/Q MSYSTEM-HPP-11-R/Q Datasheet
117Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPP-12-R MSYSTEM-HPP-12-R Datasheet
117Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPP-12-R/Q MSYSTEM-HPP-12-R/Q Datasheet
117Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HPP

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6380 ALPHAWIRE-6380 Datasheet
74Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com