Electronic Components Datasheet Search
  English  ▼

X  

BAT165 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT165
Description  Single-channel isolated gate driver IC with adjustable DESAT and soft-off
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT165 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT165 Datasheet HTML 1Page - Infineon Technologies AG BAT165 Datasheet HTML 2Page - Infineon Technologies AG BAT165 Datasheet HTML 3Page - Infineon Technologies AG BAT165 Datasheet HTML 4Page - Infineon Technologies AG BAT165 Datasheet HTML 5Page - Infineon Technologies AG BAT165 Datasheet HTML 6Page - Infineon Technologies AG BAT165 Datasheet HTML 7Page - Infineon Technologies AG BAT165 Datasheet HTML 8Page - Infineon Technologies AG BAT165 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Schematics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
3
PCB layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
4
Bill of material . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Disclaimer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Gate driver IC information
Features
•
600 V, 650 V, 900 V, and 1200 V IGBTs, SiC and Si MOSFETs
•
40 V absolute maximum output supply voltage
•
±3 A, ±6 A, and ±9 A typical sinking and sourcing peak output current
•
Separate source and sink outputs for hard switching and with active Miller clamp/clamp driver
•
Adjustment pins for parameter configuration from input side
•
Precise VCEsat detection (DESAT) with fault output and adjustable filter time and leading edge blanking time
with resistor at ADJB pin
•
Adjustable IGBT soft turn-off after desaturation detection with resistor at ADJA pin
•
Operation at high ambient temperature up to 125 °C with over-temperature shut down at 160 °C (±10 °C)
•
Tight IC-to-IC propagation delay matching (tPDD,max = 30 ns)
•
Undervoltage lockout protection with hysteresis for input and output side with active shut-down
•
High common-mode transient immunity CMTI = 200 kV/µs
•
Small space-saving DSO-16 fine-pitch package with large creepage distance (>8 mm)
•
Safety certification
-
UL 1577 recognized (planned) with VISO,test = 6840 V (rms) for 1 s, VISO = 5700 V (rms) for 60 s
-
IEC 60747-17/VDE 0884-11 approval (planned) with VIORM = 1.4 kV (peak, reinforced)
•
Evaluation board available EVAL-1ED3491MX12M
Potential applications
•
Industrial motor drives - compact, standard, premium, servo drives
•
Solar inverters
•
UPS systems
•
Welding
•
Commercial and agricultural vehicles (CAV)
•
Commercial air-conditioning (CAC)
•
High-voltage isolated DC-DC converters
•
Isolated switch mode power supplies (SMPS)
PG-DSO-16
AN2020-05 EVAL-1ED3491Mx12M (1ED-X3 Analog)
Evaluation board description
Gate driver IC information
Application Note
2
v1.0
2020-05-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com