Electronic Components Datasheet Search
  English  ▼

X  

DMS22B Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # DMS22B
Description  DMS22B Non-Contacting Feedback Rotary Sensor with SSI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

DMS22B Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  DMS22B Datasheet HTML 1Page - Bourns Electronic Solutions DMS22B Datasheet HTML 2Page - Bourns Electronic Solutions DMS22B Datasheet HTML 3Page - Bourns Electronic Solutions DMS22B Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMS22B Non-Contacting Feedback Rotary Sensor with SSI
Applications
n
Patientplatformpositioningfeedback
n
Pneumaticcontrolvalvepositionfeedback
n
Drawwirepositionsensors
n
Remotecommunicationsantenna
positioning
n
Actuatormotorpositionfeedback
n
Automatedmanufacturingrobotics
n
Tiltcontrolandtiltpositioningfeedback
DM S 22 B 5 A1 C A F L 3 36 N
Model
DM = Digital Magnetic
Configuration
S = Single-Turn
Size
22 = 22 mm
Mounting Configuration
B = Bushing Mount 3/8 - 32 UNEF Thread
Supply Voltage
5 = 5 V DC
Output Type
A1 = SSI Single Signal,12 Bit Resolution
Independent Linearity
C = 0�30 %
Output
A = 0-4095
Shaft Style
F=Flatted7/8˝ShaftFMS,1/4˝Dia.
Terminal Configuration
L = Axial
Direction
3 = CW (Increasing)
Effective Electrical Angle
36 = 360 °
Hard Stop
N = Continuous
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Rotational Life vs. Side Load
40
50
60
30
20
10
0
0
100
200
Shaft Side Load (grams)
300
400
500
50
150
250
350
450
How To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com