Electronic Components Datasheet Search
  English  ▼

X  

FMMT493TA Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FMMT493TA
Description  iMOTION™ Modular Application Design Kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FMMT493TA Datasheet(HTML) 1 Page - Infineon Technologies AG

  FMMT493TA Datasheet HTML 1Page - Infineon Technologies AG FMMT493TA Datasheet HTML 2Page - Infineon Technologies AG FMMT493TA Datasheet HTML 3Page - Infineon Technologies AG FMMT493TA Datasheet HTML 4Page - Infineon Technologies AG FMMT493TA Datasheet HTML 5Page - Infineon Technologies AG FMMT493TA Datasheet HTML 6Page - Infineon Technologies AG FMMT493TA Datasheet HTML 7Page - Infineon Technologies AG FMMT493TA Datasheet HTML 8Page - Infineon Technologies AG FMMT493TA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Application Note
Please read the Important Notice and Warnings at the end of this document
<Revision 1.0>
www.infineon.com
<2017-05-22>
AN2017-09 EVAL-M1-CM610N3
Eval-M1-CM610N3
iMOTION™ Modular Application Design Kit
About this document
Scope and purpose
This application note provides an overview of the evaluation board Eval-M1-CM610N3 including its main
features, key data, pin assignments and mechanical dimensions.
Eval-M1-CM610N3 is a complete evaluation board including a 3-phase CIPOS™ Mini Intelligent Power Module
(IPM) for motor drive application. In combination with control-boards equipped with the M1 20pin interface
connector, like EVAL-M1-1302 or EVAL-M1-099M, it features and demonstrates Infineon’s CIPOS™ Mini IPM
technology for motor drive.
The evaluation board Eval-M1-CM610N3 was developed to support customers during their first steps designing
applications with CIPOS™ Mini IPM.
CIPOS™ Mini IPM in this board is IKCM10H60GA which has 600V of voltage and 10A of current rating. It is
optimized to high frequency switching application like washing machine, fan, etc.
Intended audience
This application note is intended for all technical specialists working with the Eval-M1-CM610N3 board.
Table of Contents
About this document....................................................................................................................... 1
Table of Contents ........................................................................................................................... 1
1
Safety precautions......................................................................................................... 2
2
Introduction.................................................................................................................. 3
3
Main features ................................................................................................................ 5
4
Pin assignments ............................................................................................................ 8
5
Schematics and Layout..................................................................................................10
5.1
DC-Link Voltage Measurement .............................................................................................................10
5.2
EMI filter and soft power up circuit.......................................................................................................10
5.3
Inverter section using CIPOS™ mini IPM...............................................................................................11
5.4
Auxiliary power supply..........................................................................................................................12
5.5
Overcurrent protection circuit..............................................................................................................12
5.6
Thermistor Output ................................................................................................................................13
5.7
Overtemperature Hardware Protection Circuit ...................................................................................14
5.7.1
Power-on and power-off VDD under voltage test waveforms........................................................14
5.7.2
Overcurrent protection test waveform ...........................................................................................15
5.7.3
Overtemperature protection test waveform ..................................................................................16
5.8
PCB Layout ............................................................................................................................................17
6
Bill of Materials of Eval-M1-CM610N3 ..............................................................................21
7
Reference ....................................................................................................................24
Revision History ............................................................................................................................25


Similar Part No. - FMMT493TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT493TA DIODES-FMMT493TA Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT493TA DIODES-FMMT493TA Datasheet
385Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
logo
Infineon Technologies A...
FMMT493TA INFINEON-FMMT493TA Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
More results

Similar Description - FMMT493TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com