Electronic Components Datasheet Search
  English  ▼

X  

BAT85 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # BAT85
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

BAT85 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  BAT85 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. BAT85 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For general purpose applications
This diode features very low turn-on voltage
and fast switching. These devices are protected
MECHANICAL DATA
Case:JEDEC DO--35,glass case
Weight: Approx. 0.13 gram
Symbols
Min.
UNITS
30.0
V
V
V
V
V
V
A
pF
ns
/W
0.4
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
0.5
Thermal resistance junction to ambient
CJ
0.32
Pulse test tp<300 s, <2%
@ IF=0.1mA
@ IF=1mA
Storage temperature range
TSTG
Reverse breakdow n voltage
Symbols
VR
0.
24
@ IF=10mA
@ IF=30mA
IR
BAT85
by a PN junction guard ring against excessive
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE RANGE: 30 V
CURRENT: 0.2 A
DO - 35(GLASS)
voltage, such as electrostatic discharges
Pow er dissipation
@ TA=65
UNITS
c-55 ---+ 125
Polarity: Color band denotes cathode end
ABSOLUTE RATINGS
VR
IF
IFM
IFSM
Ptot
TJ
TA
600 1)
125
V
mA
mA
30.0
200 1)
300 1)
mA
mW
Max.
Typ.
c-55 ---+ 150
ELECTRICAL CHARACTERISTICS
Junction temperature
Ambient operating temperature range
R JA
@ IF=100mA
Leakage current VR=25V
Junction capacitance at VR=1V,f=1MHz
Reverse recovery time @ IF=10mA,IR=10mA,IR=1mA
VF
Forw ard voltage
2.0
10
trr
5
4301)
Value
200 1)
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Continuous reverse voltage
Forw ard continuous current
@ TA=25
Peak forw ard current
@ TA=25
Surge forw ard current
@
tp<1s,TA=25
0.8
www.diode.co.kr
1.
SAMYANG ELECTRONICS
SAM YANG


Similar Part No. - BAT85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT85 PHILIPS-BAT85 Datasheet
30Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT85 GE-BAT85 Datasheet
41Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT85 MCC-BAT85 Datasheet
163Kb / 1P
BAT85 SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT85 BILIN-BAT85 Datasheet
55Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT85 GOOD-ARK-BAT85 Datasheet
127Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT85

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com