Electronic Components Datasheet Search
  English  ▼

X  

BYP35 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # BYP35
Description  SILICON PRESS-FIT DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

BYP35 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  BYP35 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. BYP35 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Norminal current 35A
Repetitive peak reverse voltage 600 V
Metal press -fit case with plastic cover
Casting compound has UL classification
94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
BYP
35A2
BYP
35A3
BYP
35A4
BYP
35A6
BYP
35K2
BYP
35K3
BYP
35K4
BYP
35K6
Repetitive peak reverse voltage
VRRM
200
300
400
600
V
Surge peak reverse voltage
VRSM
240
360
480
700
V
Max.average forward rectified current,
R-load
@TC=150
Repetitive peak forward current
f 15HZ
(NOTE1)
Peak forward surge current,50/60 HZ
half sine-wave
Forward voltage
@ IF=35A
VF
V
Leakage current
@Tj=25
IR
A
Rating for fusing
t 10ms
i2tA
2S
Thermal resistance junction to case
Rthc
K/W
Operating junction temperature
Tj
Storage temperature range
TS
NOTE: Max.case temperature TC=150 -Max.
IFRM
110
A
IFSM
360/400
A
BYP
35K05
BYP
35A1
660.0
1.1
www.diode.co.kr
100
- 55 --- + 215
0.8
BYP35---SERIES
50
100
BYP
VOLTAGE RANGE: 50 -- 600 V
CURRENT: 35 A
BYP
35K1
UNITS
SILICON PRESS-FIT DIODES
- 55 --- + 215
IF(AV)
A
60
120
35
Wire to anode
Wire to cathode
BYP
35A05
1.
ァ覬
13 0.01
1.3
ァ覬
12.75 0.02
ァ覬
11 0.1
mm
SAMYANG ELECTRONICS
SAM YANG


Similar Part No. - BYP35

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
181Kb / 2P
Silicon Press-Fit-Diodes
logo
Semikron International
BYP35A05 SEMIKRON-BYP35A05 Datasheet
294Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
72Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
BYP35A05 SEMIKRON-BYP35A05 Datasheet
298Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
More results

Similar Description - BYP35

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KYW25A05 DIOTEC-KYW25A05 Datasheet
181Kb / 2P
Silicon Press-Fit-Diodes
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05 Datasheet
295Kb / 2P
Silicon Press-Fit-Diodes
KYW25A05 SEMIKRON-KYW25A05 Datasheet
252Kb / 2P
Silicon Press-Fit-Diodes
KYZ25A05 SEMIKRON-KYZ25A05 Datasheet
243Kb / 2P
Silicon Press-Fit-Diodes
KYZ35A05 SEMIKRON-KYZ35A05 Datasheet
243Kb / 2P
Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
Silicon Press-Fit-Diodes
BYP60A05 SEMIKRON-BYP60A05_06 Datasheet
292Kb / 2P
Silicon Press-Fit-Diodes
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
SILICON PRESS-FIT DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com