Electronic Components Datasheet Search
  English  ▼

X  

DF01 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # DF01
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

DF01 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  DF01 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. DF01 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD. DF01 Datasheet HTML 3Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 / 3
www.diode.co.kr
Bridge Rectifiers
Features
● UL recognition, file #E313149
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballast, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.
Mechanical Data
● Package: DB
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, Halogen free
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: As marked on body
■Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
DF005
DF01
DF02
DF04
DF06
DF08
DF10
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output current
@60Hz sine wave, R-load, Ta=40℃
IO
A
1.0
Surge(non-repetitive)forward current
@60Hz half sine wave, 1 cycle, Tj=25℃
IFSM
A
30
Current squared time
@1ms≤t≤8.3ms Tj=25℃, Rating of per diode
I2t
A2s
3.7
Storage temperature
Tstg
℃
-55 ~+150
Junction temperature
Tj
℃
-55 ~+150
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
DF005
DF01
DF02
DF04
DF06
DF08
DF10
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=0.5A
1.00
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
μA
VRM=VRRM
5
+
-
~
~
SAM YANG
DF005 --- DF10
SAMYANG ELECTRONICS


Similar Part No. - DF01

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF01 WTE-DF01 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF01 SSE-DF01 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF01 CHENYI-DF01 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF01 GOOD-ARK-DF01 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF01 WTE-DF01 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com