Electronic Components Datasheet Search
  English  ▼

X  

ES1CF Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # ES1CF
Description  SUPER FAST RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

ES1CF Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  ES1CF Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. ES1CF Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD. ES1CF Datasheet HTML 3Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
MECHANICAL DATA
VOLTAGE RANGE: 50 --- 600 V
CURRENT: 1.0A
SMAF
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
www.diode.co.kr
1.
SAMYANG ELECTRONICS
SAM YANG
ES1AF --- ES1JF
Dimensions in inches and (millimeters)
SUPER FAST RECTIFIERS
0.063(1.6 )
0.051(1.3)
5
°
0.110(2.8 )
0.094(2.4)
0.146(3.70)
0.128(3.25)
0.193(4.90)
0.172(4.35)
0.059(1.5)
0.035(0.9)
0.012(0.3)
0.004(0.1)
0.047(1.2)
0.028(0.6)
For surface mounted applications
• Low profile package
• Glass Passivated Chip Junction
• Superfast reverse recovery time
• Lead free in comply with EU RoHS 2011/65/EU directives
•
•
• Terminals: Solderable per MIL-STD-750, Method 2026
• pprox. Weight: 27mg / 0.00095oz
Case: SMAF
A
Ratings at
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
25 °C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Forward Voltage at 1 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at T = 125 °C
c
Typical Junction Capacitance
at V =4V, f=1MHz
R
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
T , T
j
stg
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
V
1
30
1
5
100
15
35
-55 ~ +150
A
A
V
μA
ns
°
C
Symbols
Maximum Reverse Recovery Time
trr
pF
ES1AF ES1BF ES1CF ES1DF ES1EF ES1GF ES1JF
Units
50
100
150
200
300
400
600
1.25
1.68
Typical Thermal Resistance
RθJA
80
°
C/W
(1)
(2)
Maximum DC Reverse Current
T = 25 °C
a
at Rated DC Blocking Voltage
T =125 °C
a
.
(2)
(1)Measured with I = 0.5 A, I = 1 A, I = 0.25 A
F
R
rr
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.


Similar Part No. - ES1CF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1CF PANJIT-ES1CF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Microdiode Semiconducto...
ES1CF CHENDA-ES1CF Datasheet
628Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1CF YFWDIODE-ES1CF Datasheet
138Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
SUNMATE electronic Co.,...
ES1CF SUNMATE-ES1CF Datasheet
336Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Guangdong Juxing Electr...
ES1CF JUXING-ES1CF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
More results

Similar Description - ES1CF

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com