Electronic Components Datasheet Search
  English  ▼

X  

AA05E Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA05E
Description  5 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA05E Datasheet(HTML) 2 Page - Astec America, Inc

  AA05E Datasheet HTML 1Page - Astec America, Inc AA05E Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
63
Ordering Information
www.astec.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output 1
Output 2
Maximum
Model Number
Voltage
Voltage
Voltage
Power
9-18VDC
3.3V @ 1.0A
3.3W
AA05E-012L-033S
9-18VDC
5V @ 1.0A
5W
AA05E-012L-050S
9-18VDC
12V @ 0.41A
5W
AA05E-012L-120S
9-18VDC
15V @ 0.33A
5W
AA05E-012L-150S
9-18VDC
+12V @ 0.20A
-12V @ 0.20A
4.8W
AA05E-012L-120D
9-18VDC
+15V @ 0.16A
-15V @ 0.16A
4.8W
AA05E-012L-150D
18-36VDC
3.3V @ 1.0A
3.3W
AA05E-024L-033S
18-36VDC
5V @ 1.0A
5W
AA05E-024L-050S
18-36VDC
12V @ 0.41A
5W
AA05E-024L-120S
18-36VDC
15V @ 0.33A
5W
AA05E-024L-150S
18-36VDC
+12V @ 0.20A
-12V @ 0.20A
4.8W
AA05E-024L-120D
18-36VDC
+15V @ 0.16A
-15V @ 0.16A
4.8W
AA05E-024L-150D
36-72VDC
3.3V @ 1.0A
3.3W
AA05E-048L-033S
36-72VDC
5V @ 1.0A
5W
AA05E-048L-050S
36-72VDC
12V @ 0.41A
5W
AA05E-048L-120S
36-72VDC
15V @ 0.33A
5W
AA05E-048L-150S
36-72VDC
+12V @ 0.20A
-12V @ 0.20A
4.8W
AA05E-048L-120D
36-72VDC
+15V @ 0.16A
-15V @ 0.16A
4.8W
AA05E-048L-150D
Single Output
2 & 3:
-Vin
22 & 23:
+Vin
14:
+Vout
16:
Comm
Remaining Pins NC
Dual Output
2 & 3:
-Vin
22 & 23:
+Vin
14:
Output 1
9 & 16:
Comm
11:
Output 2
Remaining Pins NC
Notes:
1. 20 MHz bandwidth. An external 0.1uf ceramic capacitor is
recommended to be placed from Vout to Comm.
2. All specifications are typical at nominal line, full load, and 25° C
unless otherwise noted.
3. All specifications subject to change without notice.
4. Mechanical drawings are for reference only.
5. Warranty: 1 yr
Case Material: Metal (5 sides)
Weight: 0.5Oz/15Grams
Pin Assignments
23
22
2
3
16
15
14
9
10
11
BOTTOM
VIEW
0.600
(15.24)
0.80
(20.3)
0.12 (3.0)
MIN.
0.40
(10.2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com