Electronic Components Datasheet Search
  English  ▼

X  

MF-USHT110KX Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-USHT110KX
Description  MF-USHT Series - PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USHT110KX Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-USHT110KX Datasheet HTML 1Page - Bourns Electronic Solutions MF-USHT110KX Datasheet HTML 2Page - Bourns Electronic Solutions MF-USHT110KX Datasheet HTML 3Page - Bourns Electronic Solutions MF-USHT110KX Datasheet HTML 4Page - Bourns Electronic Solutions MF-USHT110KX Datasheet HTML 5Page - Bourns Electronic Solutions MF-USHT110KX Datasheet HTML 6Page - Bourns Electronic Solutions MF-USHT110KX Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Applications
■
Protection of automotive circuitry including engine control modules
■
Overcurrent surge protection of electronic equipment required to operate at high operating temperature ranges
■
Resettable fault protection for general electronic equipment
MF-USHT Series - PTC Resettable Fuses
Test Procedures and Requirements
Item
Test Condition
Accept/Reject Criteria
Visual/Mechanical
Verify dimensions and materials
Per MF physical description
Resistance
In still air @ 23 °C
Rmin ≤ R ≤ Rmax
Time to Trip
At specified current, Vmax, 23 °C, still air
T ≤ max. time to trip (seconds)
Hold Current
30 min. at Ihold, still air
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
No arcing or burning
Trip Endurance
Vmax, 48 hours
No arcing or burning
Solderability
245 °C ±5 °C, 5 seconds
95 % min. coverage
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
+23 °C
+40 °C
+50 °C
+60 °C
+70 °C
+85 °C
+125 °C
MF-USHT010KX
0.15
0.13
0.12
0.10
0.09
0.08
0.07
0.07
0.06
0.03
MF-USHT016KX
0.23
0.21
0.19
0.16
0.14
0.13
0.12
0.11
0.09
0.04
MF-USHT020KX
0.29
0.26
0.23
0.20
0.18
0.16
0.15
0.13
0.11
0.05
MF-USHT035KX
0.51
0.46
0.41
0.35
0.31
0.28
0.26
0.23
0.20
0.09
MF-USHT050KX
0.73
0.66
0.58
0.50
0.44
0.41
0.37
0.34
0.28
0.14
MF-USHT075KX
1.09
0.98
0.87
0.75
0.66
0.61
0.56
0.50
0.42
0.20
MF-USHT110KX
1.60
1.44
1.28
1.10
0.97
0.89
0.81
0.74
0.62
0.30
MF-USHT125KX
1.81
1.64
1.45
1.25
1.10
1.01
0.93
0.84
0.70
0.34
MF-USHT150KX
2.18
1.97
1.74
1.50
1.32
1.22
1.11
1.01
0.84
0.41
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Product Dimensions
K
C
Bottom View
D
E
A
B
C
Top View
Side View
Recommended Pad Layout
2.50
(0.098)
2.00
(0.079)
1.00
(0.039)
Terminal Material:
ENIG-plated terminals
Model
AB
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
MF-USHT010KX
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.40
(0.016)
0.85
(0.033)
0.30
(0.012)
0.05
(0.002)
MF-USHT016KX
MF-USHT020KX
MF-USHT035KX
MF-USHT050KX
MF-USHT075KX
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.60
(0.024)
1.20
(0.047)
0.30
(0.012)
0.05
(0.002)
MF-USHT110KX
3.00
(0.118)
3.43
(0.135)
2.35
(0.093)
2.80
(0.110)
0.80
(0.031)
1.60
(0.063)
0.30
(0.012)
0.05
(0.002)
MF-USHT125KX
MF-USHT150KX
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com