Electronic Components Datasheet Search
  English  ▼

X  

MH32 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MH32
Description  MH45/MH32/MH20 Series High Current Chip Ferrite Beads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MH32 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MH32 Datasheet HTML 1Page - Bourns Electronic Solutions MH32 Datasheet HTML 2Page - Bourns Electronic Solutions MH32 Datasheet HTML 3Page - Bourns Electronic Solutions MH32 Datasheet HTML 4Page - Bourns Electronic Solutions MH32 Datasheet HTML 5Page - Bourns Electronic Solutions MH32 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3312 - 2 mm SMD Trimming Potentiometer
MH45/MH32/MH20 Series High Current Chip Ferrite Beads
Electrical Specifications
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
MH 3261- 601Y
Z
X
R
0
200
400
800
600
110
100
1000
FREQUENCY(MHz)
MH 4532- 800Y
Z
X
R
0
40
80
120
160
200
110
100
1000
FREQUENCY(MHz)
MH 4532- 121Y
Z
X
R
0
100
200
300
110100
1000
FREQUENCY(MHz)
MH 4532- 131Y
Z
X
R
0
40
80
120
160
200
240
110
100
1000
FREQUENCY(MHz)
MH 4532- 151Y
Z
X
R
0
100
200
300
110
100
1000
FREQUENCY(MHz)
MH 4532- 132Y
Z
X
R
0
500
1000
1500
2000
2500
110
100
1000
FREQUENCY(MHz)
MH 4516- 600Y
Z
X
R
0
40
80
120
110100
1000
FREQUENCY(MHz)
MH 4516- 750Y
Z
X
R
0
40
80
200
110100
1000
FREQUENCY(MHz)
120
160
MH 4516- 800Y
Z
R
0
40
80
120
160
200
110
100
1000
FREQUENCY(MHz)
X



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com