Electronic Components Datasheet Search
  English  ▼

X  

AA20140 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AA20140
Description  120 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA20140 Datasheet(HTML) 1 Page - Astec America, Inc

  AA20140 Datasheet HTML 1Page - Astec America, Inc AA20140 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
104
Special Features
Electrical Specs
120 Watts
AA20140 Series
104
• Active power factor correction
• EN61000-3-2 compliance
• Remote sense on outputs one and two
• Industry-standard 4.25” x 7” footprint
• Adjustable main outputs
• Built-in Class B EMI filter
• Overvoltage protection
•Overload protection
• Thermal overload protection
Operating temperature: 0° to 50°C ambient; derate
each output at 2.5% per degree from 50° to 70°C
Electromagnetic susceptibility: Designed to meet
EN61000-4, -2, -3, -4, -5, -6, Level 3
Humidity: Operating; non-condensing
20% to 90%
Vibration: 5-32 Hz sinewave .02” double amplitude
32-2 kHz sinewave 1 G peak
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF per mil std 217E: >200,000 hours at full load
and 30°C ambient conditions and full load
Input
Input range
90-264 VAC
Frequency
47-63 Hz
Inrush current
40 A max., cold start @ 25°C
Efficiency
65% typical at full load
EMI filter
FCC Class B conducted and radiated,
CISPR 22 Class B conducted and
radiated, EN55022 Class B
conducted and radiated, VDE 0878
PT3 Class B conducted and radiated.
Power factor
0.99 typical
Safety ground
Leakage current
<2 mA @ 50/60 Hz, 254 VAC input
Output
Maximum power
70 W convection; 120 W with 30
CFM forced air
Adjustment range
±5% minimum on 3.3 V and 5 V
outputs
Hold-up time
15 ms @ 120 W load, 115 VAC input
Overload protection
Short circuit protection on all
outputs. Case overload protected @
110-145% above peak rating
Overvoltage protection
3.3 V output: 4.25 V ±.25 V
5 V output: 6.25 V ±.75 V, 20-35%
above nominal output. Latching
type recycle AC to reset.
Remote sense
Compensates for 0.5 V lead drop
min. Will operate without remote
sense connected.
Environmental
Safety
TUV
EN60950
9837006
UL
UL1950
E186249
CUL
CSA 22.2-234 Level 3
E186249
CB
Certificate and report
DE2-002056
CE
Mark (LVD)
Total Power:
70-120 Watts
Input Voltage:
85-264 VAC
# of Outputs:
Quad
W9959_04_LP_099-133_35
2/8/02
4:15 PM
Page 104


Similar Part No. - AA20140

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AA2010DK-07100R YAGEO-AA2010DK-07100R Datasheet
666Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA2010DK-07100RL YAGEO-AA2010DK-07100RL Datasheet
522Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA2010DK-0710M YAGEO-AA2010DK-0710M Datasheet
666Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA2010DK-0710ML YAGEO-AA2010DK-0710ML Datasheet
522Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA2010DK-0710R YAGEO-AA2010DK-0710R Datasheet
666Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA20140

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
120-960 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
120 Watts
LPS120 ASTEC-LPS120 Datasheet
209Kb / 3P
120 Watts
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
70-120 Watts
logo
List of Unclassifed Man...
HY2004 ETC2-HY2004 Datasheet
61Kb / 2P
120 WATTS Power Amplifier
logo
Emerson Network Power
ALO EMERSON-NETWORKPOWER-ALO Datasheet
1Mb / 4P
66/120 Watts
logo
Tumbler Technologies + ...
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
120 ~ 180 Watts Power Adapters
logo
Artesyn Technologies
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
Total Power: 120 Watts
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
Total Power: 100 - 120 Watts
logo
Qualtek Electronics Cor...
QADA-120 QUALTEK-QADA-120 Datasheet
757Kb / 2P
120 Watts Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com