Electronic Components Datasheet Search
  English  ▼

X  

ES3AB Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # ES3AB
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

ES3AB Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  ES3AB Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. ES3AB Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC SMB ,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-750,Method 2026
Polarity: Color band denotes cathode
Weight: 0.003 ounces, 0.093 grams
Mounting position: Any
Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by20%.
3.Thermal resistance junction to ambient
NOTE: 1. Pulse test:300us pulse width,1% duty cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
For use in low voltage,high frequencyinverters free
wheeling,and polarityprotection applications
VOLTAGE RANGE: 50 --- 600 V
CURRENT: 3.0A
SMB
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
www.diode.co.kr
1.
SAMYANG ELECTRONICS
SAM YANG
ES3AB --- ES3JB
Dimensions in inches and (millimeters)
.049(1.25)
.065(1.65)
.114(2.90)
.093(2.35)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)
CHARACTERISTICS
SYMBOL
ES3AB
ES3BB
ES3DB
ES3GB
ES3JB
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward
Rectified Current
@TA=55 !
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 3.0A DC
VF
1.3
1.70
V
Maximum DC Reverse Current
@TJ=25!
at Rated DC Blocking Voltage
@TJ=100!
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
!
/W
Operating Temperature Range
TJ
!
Storage Temperature Range
TSTG
!
-55 to +150
-55 to +150
A
IR
5.0
20
35
100
IFSM
A
I(AV)
3.0
A
0.95
45
70
100
SUPER FAST RECTIFIERS


Similar Part No. - ES3AB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3AB DIODES-ES3AB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Weitron Technology
ES3AB WEITRON-ES3AB Datasheet
329Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES3AB BILIN-ES3AB Datasheet
71Kb / 2P
SURFACE MOUNT RECTIFIER
logo
GOOD-ARK Electronics
ES3AB GOOD-ARK-ES3AB Datasheet
153Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Weitron Technology
ES3AB WEITRON-ES3AB Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
More results

Similar Description - ES3AB

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com