Electronic Components Datasheet Search
  English  ▼

X  

ES3DB Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # ES3DB
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

ES3DB Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  ES3DB Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. ES3DB Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diode.co.kr
1.
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO-214AA,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.007 ounces,0.21 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
ES3CB ES3DB ES3GB
EC
ED
EG
Maximum recurrent peak reverse voltage
VRRM
150
200
400
V
Maximum RMS voltage
VRMS
105
140
210
V
Maximum DC blocking voltage
VDC
150
200
400
V
Maximum average forward rectified current
@TA=100
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
@TJ=125
Maximum instantaneous forward voltage at3.0 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage @TA=100
Typical reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
R JA
Operating junction temperature range
TJ
Storage temperature range
TSTG
0.90
DO-214AA(SMB)
Device marking code
EA
EB
UNITS
- 55 ---- + 150
ES3AB
ES3BB
50
100
A
100.0
IFSM
IR
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
A
ES3AB--- ES3GB
A
10.0
Easily cleaned with Alcohol,Isopropanol
and similar solvents
IF(AV)
3.0
The plastic material carries U/L recognition 94V-0
100
50
70
2. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
45
25
40
500.0
VOLTAGE RANGE: 50 --- 400 V
CURRENT: 3.0 A
- 55 ---- + 150
35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
inch(mm)
SAMYANG ELECTRONICS
SAM YANG
SUPER FAST RECTIFIERS


Similar Part No. - ES3DB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3DB DIODES-ES3DB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Weitron Technology
ES3DB WEITRON-ES3DB Datasheet
329Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES3DB BILIN-ES3DB Datasheet
71Kb / 2P
SURFACE MOUNT RECTIFIER
logo
GOOD-ARK Electronics
ES3DB GOOD-ARK-ES3DB Datasheet
153Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Weitron Technology
ES3DB WEITRON-ES3DB Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
More results

Similar Description - ES3DB

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com