Electronic Components Datasheet Search
  English  ▼

X  

TF3407 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3407
Description  SOT-23-3LPlastic-Encapsulate MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3407 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3407 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3407 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3407 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3407 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3407 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF3407 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sztuofeng.com
,2018 V1.0
1
V(BR)DSS
RDS(on)MAX
ID
-30V
0.050Ω@-10V
-4.1A
0.070Ω@-4.5V
P-Channel 30-V(D-S) MOSFET
General FEATURE
●
TrenchFET Power MOSFET
●
Lead free product is acquired
●
Surface mount package
APPLICATION
●
Load Switch for Portable Devices
●
DC/DC Converter
SOT-23-3L
MARKING
Equivalent Circuit
A79TF w
1.GATE
2.SOURCE
3.DRAIN
*w:week code
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
ID
-4.1
Pulsed Drain Current
IDM
-20
A
Maximum Power Dissipation
PD
1.4
W
Thermal Resistance from Junction to Ambient(t ≤5s)
R θJA
84
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
Tstg
-55 ~+150
1
2
3
Mar
TF3 07
4
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23-3LPlastic-Encapsulate MOSFETS
TF3 07
4


Similar Part No. - TF3407

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF3407 TUOFENG-TF3407 Datasheet
551Kb / 6P
P-Channel 30-V(D-S)
Mar,2018 V1.0
More results

Similar Description - TF3407

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
SOT-23 Plastic-Encapsulate MOSFETS
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETs
logo
Microdiode Semiconducto...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com