Electronic Components Datasheet Search
  English  ▼

X  

RX660 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RX660
Description  120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX660 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RX660 Datasheet HTML 56Page - Renesas Technology Corp RX660 Datasheet HTML 57Page - Renesas Technology Corp RX660 Datasheet HTML 58Page - Renesas Technology Corp RX660 Datasheet HTML 59Page - Renesas Technology Corp RX660 Datasheet HTML 60Page - Renesas Technology Corp RX660 Datasheet HTML 61Page - Renesas Technology Corp RX660 Datasheet HTML 62Page - Renesas Technology Corp RX660 Datasheet HTML 63Page - Renesas Technology Corp RX660 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 123 page
background image
R01DS0393EJ0100 Rev.1.00
Page 60 of 123
Mar 18, 2022
RX660 Group
2. Electrical Characteristics
Note:
The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of
the board. For details, refer to the JEDEC standards.
Table 2.12
Thermal Resistance Value (Reference)
Item
Package
Symbol
Max.
Unit
Test Conditions
Thermal resistance
144-pin LFQFP (PLQP0144KA-B)
ja
52.1
°C/W
JESD51-2 and
JESD51-7 compliant
Ta = 105°C
100-pin LFQFP (PLQP0100KB-B)
51.3
80-pin LFQFP (PLQP0080KB-B)
52.0
64-pin LFQFP (PLQP0064KB-C)
50.8
48-pin LFQFP (PLQP0048KB-B)
58.4
144-pin LFQFP (PLQP0144KA-B)
jt
1.3
°C/W
JESD51-2 and
JESD51-7 compliant
100-pin LFQFP (PLQP0100KB-B)
1.3
80-pin LFQFP (PLQP0080KB-B)
1.3
64-pin LFQFP (PLQP0064KB-C)
1.3
48-pin LFQFP (PLQP0048KB-B)
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com