Electronic Components Datasheet Search
  English  ▼

X  

AIS25BATR Datasheet(PDF) 12 Page - STMicroelectronics

Part # AIS25BATR
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AIS25BATR Datasheet HTML 8Page - STMicroelectronics AIS25BATR Datasheet HTML 9Page - STMicroelectronics AIS25BATR Datasheet HTML 10Page - STMicroelectronics AIS25BATR Datasheet HTML 11Page - STMicroelectronics AIS25BATR Datasheet HTML 12Page - STMicroelectronics AIS25BATR Datasheet HTML 13Page - STMicroelectronics AIS25BATR Datasheet HTML 14Page - STMicroelectronics AIS25BATR Datasheet HTML 15Page - STMicroelectronics AIS25BATR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
4.5
TDM configurations
All the AIS25BA TDM configurations programmable over the I²C interface are explained in detail in the following
subsections.
4.5.1
Configuration 1
•
No delay: SLOT0 data MSB is sampled on the first rising edge of BCLK after rising edge of WCLK (delayed
I²C register TDM_CTRL_REG (2Eh) bit 6 equal to zero)
•
Data valid: data valid on the rising edge of BCLK (data_valid I²C register TDM_CTRL_REG (2Eh) bit 5 equal
to zero)
Figure 5. WCLK, SDOUT change on the falling edge of BCLK and are valid on the rising edge of BCLK, no
delay
Note:
Setup and hold times are defined in Table 5. TDM interface characteristics.
4.5.2
Configuration 2
•
No delay: SLOT0 data MSB is sampled on the first falling edge of BCLK after rising edge of WCLK (delayed
I²C register TDM_CTRL_REG (2Eh) bit 6 equal to zero)
•
Data valid: data valid on the falling edge of BCLK (data_valid I²C register TDM_CTRL_REG (2Eh) bit 5
equal to one)
Figure 6. WCLK, SDOUT change on the rising edge of BCLK and are valid on the falling edge of BCLK, no
delay
Note:
Setup and hold times are defined in Table 5. TDM interface characteristics.
AIS25BA
TDM configurations
DS14019 - Rev 1
page 12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com