Electronic Components Datasheet Search
  English  ▼

X  

AEH30 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEH30
Description  350W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH30 Datasheet(HTML) 1 Page - Astec America, Inc

  AEH30 Datasheet HTML 1Page - Astec America, Inc AEH30 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
1
Electrical Specs
Special Features
350W
AEH30
Ultra High Efficiency
• High efficiency, 12V@ 92.7% (Typical)
• Industry Standard Half Brick baseplate design
• Low output ripple and noise
• High capacitive load limit on start-up
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching
• Industry standard features: OCP, OVP, OTP,
Short circuit protection, Trim, Remote Sense
• Positive or Negative enable logic control option
• Meets Basic Insulation
Environmental
Operating temperature: -40°C to +100°C Baseplate
Storage temperature: -55°C to +125°C
MTBF: >1 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency1
92.7% @ 12V (Typical)
Control
Enable
TTL compatible
(positive or negative enable logic
control options)
Output
Regulation
(Line, Load, Temp)
<2%
Ripple and Noise2
120mVpk-pk tyical
Remote Sense
Up to 10%Vout
Output Voltage Adjust
Range3
±10% of nominal output
Transient Response
700mV output deviation
50% to 75% step load
500 µS recovery time
Overvoltage Protection
115% VO Typ (Latching)
Overcurrent Protection
115% IO Typ (Latching)
Over Temperature
115°C Baseplate Temperature
Protection
(autorecovery)
Isolation Voltage
1500 Vdc
Safety
UL, cUL 60950 Recognized
TUV EN60950 Licensed
Total Power:
350 Watts (12V @ 29.17A)
Input Voltages:
48 V
No. of Outputs:
Single


Similar Part No. - AEH30

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH30A48 ASTEC-AEH30A48 Datasheet
462Kb / 2P
50-150 Watts
logo
Emerson Network Power
AEH30A48 EMERSON-NETWORKPOWER-AEH30A48 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH30A48 ASTEC-AEH30A48 Datasheet
464Kb / 2P
Remote sense compensation
AEH30F48 ASTEC-AEH30F48 Datasheet
462Kb / 2P
50-150 Watts
logo
Emerson Network Power
AEH30F48 EMERSON-NETWORKPOWER-AEH30F48 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
More results

Similar Description - AEH30

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1128 RHOMBUS-IND-T-1128 Datasheet
35Kb / 1P
350W PUSH PULL TRANSFORMER
9/03/98
logo
List of Unclassifed Man...
R1J-350I1H2A0 ETC2-R1J-350I1H2A0 Datasheet
734Kb / 12P
350W350W Redundant Power Supply
logo
Tumbler Technologies + ...
TIPC350-FX TRUMPOWER-TIPC350-FX Datasheet
138Kb / 1P
350W FlexATX IPC Power Supply
logo
Weidmuller
2660200295 WEIDMULLER-2660200295 Datasheet
143Kb / 3P
PRO PM 350W 48V 7.3A
2660200294 WEIDMULLER-2660200294 Datasheet
143Kb / 3P
PRO PM 350W 24V 14.6A
logo
AiT Semiconductor Inc.
SD03 AITSEMI-SD03 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
Vishay Barry
T50R0-350-2X BARRY-T50R0-350-2X Datasheet
160Kb / 2P
350W BeO Flanged Termination
REV.OCT 14 2014
T50R0-350-1E BARRY-T50R0-350-1E Datasheet
154Kb / 2P
350W BeO Flanged Termination
REV.G FEB 1 2017
logo
FSP TECHNOLOGY INC.
FSP350-F35-A FSP-FSP350-F35-A Datasheet
1Mb / 3P
350W ITE POWER SUPPLIES
2022.10
logo
Inventronics Inc.
LNT-350SXXXSTF INVENTRONICS-LNT-350SXXXSTF Datasheet
301Kb / 8P
350W Non-isolated IP20 Driver
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com