Electronic Components Datasheet Search
  English  ▼

X  

AEH10F48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEH10F48
Description  50-150 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH10F48 Datasheet(HTML) 1 Page - Astec America, Inc

  AEH10F48 Datasheet HTML 1Page - Astec America, Inc AEH10F48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
50-150 Watts
AEH10-30
• Industry standard pin-out &
performance 100°C baseplate
temperature (no derating)
• Positive and negative enable function
• Low output ripple and noise
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching (330 kHz)
Operating case temperature range:
-40°C to +100°C
Storage temperature: -55°C to +125°C
MTBF: >2 million hours
Input
Input range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
89%@5V
Output
Load regulation
0.2% max
Line regulation
0.5% max
Ripple and noise
150mV max
Output voltage
adjust range
±10% of nominal output
Transient Response
1% max deviation with
50% to 75% full load
100 µS (max) recovery
Control
Voltage Adjust
90 to 110%
Enable
TTL compatible
(positive & negative enable options)
UL
UL1950
CSA
CSA22.2-950
TUV
EN60950
Environmental
Total Power:
50-150 Watts
Input Voltages:
24V,48V
No. of Outputs:
Single
Safety
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
36
W9959_02_DCDC_001-073_73
2/8/02
3:32 PM
Page 36


Similar Part No. - AEH10F48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH10F48 EMERSON-NETWORKPOWER-AEH10F48 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH10F48 ASTEC-AEH10F48 Datasheet
464Kb / 2P
Remote sense compensation
More results

Similar Description - AEH10F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AED17 ASTEC-AED17 Datasheet
781Kb / 2P
150 Watts
AV60C-048L-033F10 ASTEC-AV60C-048L-033F10 Datasheet
301Kb / 2P
50-150 Watts
BK60C-40 ASTEC-BK60C-40 Datasheet
677Kb / 2P
150 Watts
logo
Anaren Microwave
G150N50W4A ANAREN-G150N50W4A Datasheet
316Kb / 2P
Flange Mount Termination 150 Watts, 50廓
logo
XP Power Limited
DLG100PS12 XPPOWER-DLG100PS12 Datasheet
271Kb / 2P
50150 Watts DLG Series
logo
Anaren Microwave
C150N50Z4 ANAREN-C150N50Z4 Datasheet
182Kb / 3P
Surface Mount Termination 150 Watts, 50廓
logo
XP Power Limited
DLA XPPOWER-DLA Datasheet
290Kb / 4P
50-150 Watts
logo
Anaren Microwave
150-50TCGF ANAREN-150-50TCGF Datasheet
301Kb / 2P
150 Watts
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
150 Watts
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
150 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com