Electronic Components Datasheet Search
  English  ▼

X  

ALH80 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALH80
Description  80Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80 Datasheet(HTML) 2 Page - Astec America, Inc

  ALH80 Datasheet HTML 1Page - Astec America, Inc ALH80 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage
48V
1.8V @ 80A
87% (Typ)*
AEH80Y48
48V
1.5V @ 80A
85% (Typ)
AEH80M48
48V
1.2V @ 80A
83% (Typ)
AEH80K48
48V
1.8V @ 80A
87% (Typ)
ALH80Y48
48V
1.5V @ 80A
85% (Typ)
ALH80M48
48V
1.2V @ 80A
83% (Typ)
ALH80K48
* Typical Efficiency measured at nominal input voltage at an ambient temperature of Ta = 25°C.
OPTIONS:
suffix “N” = for Negative Enable (default is Positive Enable without Suffix “N”)
suffix “-3” = Standard half brick pinout with Pins 6 and 10 removed
0.42 [10.6]
0.20 [5.1]
1.90 [48.3]
2.30 [58.4]
2 Enable (On/Off)
PIN ASSIGNMENT
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
MECHANICAL TOLERANCE ± .002(0.5)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
[1.0Ø] 7 PLACES
[2.0Ø] 4 PLACES
5-6 -Output
1.50 [38.1]
1.90 [48.3]
4
3
PIN SIDE UP
0.20 [5.1]
7 -Sense
9 + Sense
8 Trim
10-11 + Output
NOTES:
2.00 [50.8]
2
1
0.90 [22.8]
0.50 [12.7]
+ Output
-Output
PIN SIDEDOWN
+ Vin
2.37 [60.3]
- Vin
4 - Vin
3 CASE
1 + Vin
SIDEVIEW
0.04Ø
0.08Ø
0.23 [5.9]
1.70 [43.2]
1.90 [48.3]
11
10
9
8
7
6
5
0.50 [12.7]
0.70 [17.8]
0.90 [22.9]
1.20 [30.5]
1.50 [38.1]
Pin Assignments
Single Output
1. +Vin
2. Enable (on/off)
3. Case
4. -Vin
5. +Output
6. +Output (optional pin)
7. + Sense
8. Trim
9. - Sense
10. -Output (optional pin)
11. -Output
Notes:
1. 20 mHz bandwidth. External 10 uF tant. capacitor + 0.1 uF
cer. capacitor placed from +V out to -V out.
2. Requires a 2.2 mf, 100V film capacitor connected between +V
in and -V in to meet FCC class A and ETS300-386-1 require-
ments for conducted noise. Consult Factory for filtering
information to meet FCC class B, VDE or EIC specifications.
3. All specifications are typical at nominal line, full load, and 25°C
unless otherwise noted.
4. All specifications subject to change without notice. Mechanical
drawings are for reference only
5. Technical Reference Notes should be consulted for detailed
information when available
6. Warranty: 1yr
* This is a Preliminary Data Sheet. Aastec Reserves the right
to make changes to the information contained herein without
notice and assumes no liability as a result of its use or
application (FEBRUARY 13, 2003)
M3 X0.5 MOUNTING HOLE
1.90 [48.3]
2.40 [61.0]
2.00 [50.8]
PIN SIDE UP
- Vin
PIN SIDE DOWN
1
0.90 [22.8]
0.50 [12.7]
-Output
4
3
2
1.50 [38.1]
1.90 [48.3]
+ Vin
0.20 [5.1]
0.20 [5.1]
4 PLACES
+ Output
0.04Ø [1.0Ø] 7 PLACES
NOTES:
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
MECHANICALTOLERANCE± .002(0.5)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
INTO CUSTOMER BOARD MUST BE 5-6 LB/IN
RECOMMENDEDSCREWTORQUE SETTINGFORMOUNTING
0.47
[11.9]
SIDE VIEW
[2.0Ø] 4 PLACES
0.08Ø
0.20 [5.1]
0.50 [12.7]
1.90 [48.3]
1.70 [43.1]
1.50 [38.1]
1.20 [30.5]
0.90 [22.9]
0.50 [12.7]
0.70 [17.7]
0.20 [5.1]
1.90 [48.3]
5
6
7
8
9
10
11
1 + Vin
3 CASE
4 - Vin
10-11 + Output
8 Trim
9 + Sense
7 -Sense
5-6 -Output
PIN ASSIGNMENT
2 Enable (On/Off)
inches [mm]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com