Electronic Components Datasheet Search
  English  ▼

X  

HER201 Datasheet(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # HER201
Description  ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

HER201 Datasheet(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  HER201_V01 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. HER201_V01 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER201 --- HER208
RATINGSANDCHARACTERISTICCURVES
www.diode.co.kr
2.
FIG.4 TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=100℃
Tj=125℃
Tj=25℃
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
HER201-HER203
HER204-HER205
HER206-HER208
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.6
0.1
0.2
0.4
1.0
2.0
4.0
10
20
VF(V)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FIG.3 TYPICAL FORWARD CHARACTERISTICS
HER201-HER203
HER204-HER205
HER206-HER208
0
50
150
FIG.1 FORWARD CURRENT DERATING CURVE
ingle Phase
Half Wave 60HZ
Resisteve or
Inductive Load
0.375''(9.5mm)
Lead Length
Ta(℃)
100
0
Number of Cycles
FIG.2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6 8 10
20
40
60 80 100
12
24
36
48
60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com