Electronic Components Datasheet Search
  English  ▼

X  

PEC11D Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC11D
Description  PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11D Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC11D Datasheet HTML 1Page - Bourns Electronic Solutions PEC11D Datasheet HTML 2Page - Bourns Electronic Solutions PEC11D Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12/21
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificdisclaimersassetforthonthelastpageofthis
document,andatwww.bourns.com/legal/disclaimer.pdf.
PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Applications
Levelcontrol,tuningandmenuselectin:
n
Audio-visualequipment
n
Professionalaudio,broadcastandlightingconsoles
n
Musicalinstrumentation
n
Communicationsequipment
TOLERANCES: < 10 = ± 0.3
(.394)
(.012)
≥
10 = ± 0.5
(.394)
(.020)
Suggested Filter Circuit
Switch Circuit
A Signal
10K
10K
DC 5 V
10K
10K
TERMINAL C
OR C’
A OR A’
B OR B’
TERMINAL
A OR A’
TERMINAL
B OR B’
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
DE
PEC11D-4120F-S0015
PEC11D-4120F-H0015
20.0
(.787)
10.0
(.394)
11.7
(.461)
13.1
(.516)
5.0
(.197)
0.9 ± 0.1
(.035 ± .004)
0.5 +0.0/-0.3
(.020 +.000/-.012)
SWITCH
STROKE
1.5
(.059)
2 PLCS.
2.5
(.098)
7.2 ± 0.5
(.283 ± .020)
7.7 ± 0.5
(.303 ± .020)
3.7
(.146)
2.5 ± 0.1
(.098 ± .004)
2.5 +0/-0.1
(.098 +0/-.004)
DIA.
DIA.
3.5 +0/-0.1
(.138 +0/-.004)
DIA.
6.0 +0/-0.05
(.236 +0/-.002)
7.0
(.276)
2.5
(.098)
5.0
(.197)
0.5
(.020)
R
DIA.
MOUNTING SURFACE
8.0
(.315)
28.0
(1.102)
5.0
(.197)
1.5
(.059)
3 PLCS.
12.0 ± 0.3
(.472 ± .012)
3.5
(.138)
3.5
(.138)
7.0 +0/-0.05
(.276 +0/-.002)
2.0
(.079)
0.5
(.020)
C
0.3 ± 0.1
(.012 ± .004)
0.15 ± 0.1
(.006 ± .004)
20.0
(.787)
0.9 ± 0.1
(.035 ± .004)
1.5 ± 0.5
(.059 ± .020)
SWITCH
STROKE
2.5 ± 0.1
(.098 ± .004)
3.7
(.146)
2.5 ± 0.1
(.098 ± .004)
2.5 +0/-0.1
(.098 +0/-.004)
DIA.
DIA.
3.5 +0/-0.1
(.138 +0/-.004)
DIA.
6.0 +0/-0.05
(.236 +0/-.002)
7.0
(.276)
2.5
(.098)
5.0
(.197)
0.5
(.020)
R
DIA.
MOUNTING SURFACE
8.0
(.315)
28.0
(1.102)
3.5
(.138)
3.5
(.138)
7.0 +0/-0.05
(.276 +0/-.002)
2.0
(.079)
0.5
(.020)
C
0.3 ± 0.1
(.012 ± .004)
0.15 ± 0.1
(.006 ± .004)
5.0 ± 0.1
(.197 ± .004)
A
1.2 +0.1/-0
(.047 +.004/-0)
DIA.
5 PLCS.
2.6 +0.1/-0
(.102 +.004/-0)
C
B
1.5 +0.1/-0
(.059 +.004/-0)
S
W
B’
C’
A’
5.0 ± 0.1
(.197 ± .004)
12.5 ± 0.1
(.492 ± .004)
7.0 ± 0.1
(.276 ± .004)
7.5 ± 0.1
(.295 ± .004)
10.0
(.394)
Recommended PCB Layout
PEC11D-4120F-S0015
PEC11D-4120F-H0015
20.0
(.787)
10.0
(.394)
11.7
(.461)
13.1
(.516)
5.0
(.197)
0.9 ± 0.1
(.035 ± .004)
0.5 +0.0/-0.3
(.020 +.000/-.012)
SWITCH
STROKE
1.5
(.059)
2 PLCS.
2.5
(.098)
7.2 ± 0.5
(.283 ± .020)
7.7 ± 0.5
(.303 ± .020)
3.7
(.146)
2.5 ± 0.1
(.098 ± .004)
2.5 +0/-0.1
(.098 +0/-.004)
DIA.
DIA.
3.5 +0/-0.1
(.138 +0/-.004)
DIA.
6.0 +0/-0.05
(.236 +0/-.002)
7.0
(.276)
2.5
(.098)
5.0
(.197)
0.5
(.020)
R
DIA.
MOUNTING SURFACE
8.0
(.315)
28.0
(1.102)
5.0
(.197)
1.5
(.059)
3 PLCS.
12.0 ± 0.3
(.472 ± .012)
3.5
(.138)
3.5
(.138)
7.0 +0/-0.05
(.276 +0/-.002)
2.0
(.079)
0.5
(.020)
C
0.3 ± 0.1
(.012 ± .004)
0.15 ± 0.1
(.006 ± .004)
20.0
(.787)
0.9 ± 0.1
(.035 ± .004)
1.5 ± 0.5
(.059 ± .020)
SWITCH
STROKE
2.5 ± 0.1
(.098 ± .004)
3.7
(.146)
2.5 ± 0.1
(.098 ± .004)
2.5 +0/-0.1
(.098 +0/-.004)
DIA.
DIA.
3.5 +0/-0.1
(.138 +0/-.004)
DIA.
6.0 +0/-0.05
(.236 +0/-.002)
7.0
(.276)
2.5
(.098)
5.0
(.197)
0.5
(.020)
R
DIA.
MOUNTING SURFACE
8.0
(.315)
28.0
(1.102)
3.5
(.138)
3.5
(.138)
7.0 +0/-0.05
(.276 +0/-.002)
2.0
(.079)
0.5
(.020)
C
0.3 ± 0.1
(.012 ± .004)
0.15 ± 0.1
(.006 ± .004)
5.0 ± 0.1
(.197 ± .004)
A
1.2 +0.1/-0
(.047 +.004/-0)
DIA.
5 PLCS.
2.6 +0.1/-0
(.102 +.004/-0)
C
B
1.5 +0.1/-0
(.059 +.004/-0)
S
W
B’
C’
A’
5.0 ± 0.1
(.197 ± .004)
12.5 ± 0.1
(.492 ± .004)
7.0 ± 0.1
(.276 ± .004)
7.5 ± 0.1
(.295 ± .004)
10.0
(.394)
PEC11D-4120F-S0015
PEC11D-4120F-H0015
20.0
(.787)
10.0
(.394)
11.7
(.461)
13.1
(.516)
5.0
(.197)
0.9 ± 0.1
(.035 ± .004)
0.5 +0.0/-0.3
(.020 +.000/-.012)
SWITCH
STROKE
1.5
(.059)
2 PLCS.
2.5
(.098)
7.2 ± 0.5
(.283 ± .020)
7.7 ± 0.5
(.303 ± .020)
3.7
(.146)
2.5 ± 0.1
(.098 ± .004)
2.5 +0/-0.1
(.098 +0/-.004)
DIA.
DIA.
3.5 +0/-0.1
(.138 +0/-.004)
DIA.
6.0 +0/-0.05
(.236 +0/-.002)
7.0
(.276)
2.5
(.098)
5.0
(.197)
0.5
(.020)
R
DIA.
MOUNTING SURFACE
8.0
(.315)
28.0
(1.102)
5.0
(.197)
1.5
(.059)
3 PLCS.
12.0 ± 0.3
(.472 ± .012)
3.5
(.138)
3.5
(.138)
7.0 +0/-0.05
(.276 +0/-.002)
2.0
(.079)
0.5
(.020)
C
0.3 ± 0.1
(.012 ± .004)
0.15 ± 0.1
(.006 ± .004)
20.0
(.787)
0.9 ± 0.1
(.035 ± .004)
1.5 ± 0.5
(.059 ± .020)
SWITCH
STROKE
2.5 ± 0.1
(.098 ± .004)
3.7
(.146)
2.5 ± 0.1
(.098 ± .004)
2.5 +0/-0.1
(.098 +0/-.004)
DIA.
DIA.
3.5 +0/-0.1
(.138 +0/-.004)
DIA.
6.0 +0/-0.05
(.236 +0/-.002)
7.0
(.276)
2.5
(.098)
5.0
(.197)
0.5
(.020)
R
DIA.
MOUNTING SURFACE
8.0
(.315)
28.0
(1.102)
3.5
(.138)
3.5
(.138)
7.0 +0/-0.05
(.276 +0/-.002)
2.0
(.079)
0.5
(.020)
C
0.3 ± 0.1
(.012 ± .004)
0.15 ± 0.1
(.006 ± .004)
5.0 ± 0.1
(.197 ± .004)
A
1.2 +0.1/-0
(.047 +.004/-0)
DIA.
5 PLCS.
2.6 +0.1/-0
(.102 +.004/-0)
C
B
1.5 +0.1/-0
(.059 +.004/-0)
S
W
B’
C’
A’
5.0 ± 0.1
(.197 ± .004)
12.5 ± 0.1
(.492 ± .004)
7.0 ± 0.1
(.276 ± .004)
7.5 ± 0.1
(.295 ± .004)
10.0
(.394)
B
C
A
E
D
1.0 +0.2/-0
(.039 +.008/-0)
MOUNTING
SURFACE
5 PLCS.
0.5 +0.4/-0.3
(.020 +.016/-.012)
SWITCH STROKE
0.8 ± 0.2
(.031 ± .008)
4.85
(.191)
6.5
(.256)
3.5
(.138)
5.0 ± 0.1
(.197 ± .004)
6.25 ± 0.1
(.246 ± .004)
5.0 ± 0.1
(.197 ± .004)
2.5 ± 0.1
(.098 ± .004)
2.5 ± 0.1
(.098 ± .004)
13.3
(.524)
SW
B
C
A
E
D
1.0 +0.2/-0
(.039 +.008/-0)
MOUNTING
SURFACE
5 PLCS.
5.0 ± 0.1
(.197 ± .004)
5.0 ± 0.1
(.197 ± .004)
5.0 ± 0.1
(.197 ± .004)
2.5 ± 0.1
(.098 ± .004)
2.5 ± 0.1
(.098 ± .004)
1.5 ± 0.5
(.059 +.020)
SWITCH STROKE
0.8 ± 0.2
(.031 ± .008)
4.85
(.191)
6.5
(.256)
3.5
(.138)
(ENCODER)
(SW)
(ENCODER)
(SW)
12.05
(.474)
9.7
(.382)
Y
Y
AC
B
B
C
A
XX
Y
Y
XX
1.0 +0.2/-0
(.039 +.008/-0)
MOUNTING
SURFACE
3 PLCS.
2.0 ± 0.1
(.079 ± .004)
0.8 ± 0.2
(.031 ± .008)
0.9 ± 0.1
(.035 ± .004)
0.8 ± 0.2
(.031 ± .008)
SHAFT
FLAT IS
OPTIONAL
ANGLE
6.0 ± 0.2
(.236 ± .008)
3.5
(.138)
4.85
(.191)
6.5
(.256)
3.5
(.138)
(SW01)
5.0 ± 0.1
(.197 ± .004)
5.0 ± 0.1
(.197 ± .004)
2.5 ± 0.1
(.098 ± .004)
2.5 ± 0.1
(.098 ± .004)
7.05
(.278)
PEC09-2xxxF-Sxxxx
PEC09-2xxxF-Txxxx
PEC09-2xxxF-Nxxxx
0.2
(.008)
6.25
(.246)
0.2
(.008)
0.74
(.029)
0.2
(.008)
0.74
(.029)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com