Electronic Components Datasheet Search
  English  ▼

X  

PER23 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PER23
Description  PER23 - 23 mm Low Profile Incremental Ring Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PER23 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PER23 Datasheet HTML 1Page - Bourns Electronic Solutions PER23 Datasheet HTML 2Page - Bourns Electronic Solutions PER23 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PER23 - 23 mm Low Profile Incremental Ring Encoder
Features
n
Lowprofileincrementalencoder
n
High-classrotationalfeel
n
Hapticdetentfeedback
n
RoHScompliant*
Electrical Characteristics
Output������������������������2-bit quadrature code
Contact Rating����������������� 10 mA @ 5 V DC
Insulation Resistance
���������������������100 megohms @ 100 V DC
Dielectric Withstanding Voltage
Sea Level����������������������������������100 V AC
Electrical Travel �������������������������Continuous
Contact Bounce (15 RPM)������� 3 ms max�**
Environmental Characteristics
Operating Temperature����� -10 °C to +60 °C
Storage Temperature�������� -40 °C to +85 °C
Mechanical Characteristics
RPM (Operating) ����������������������������60 max�
Mechanical Angle �������������360 ° continuous
Detent Torque���������������������40 to 100 gf-cm
Rotational Life������������������������50,000 cycles
Soldering Condition
Wave Soldering������ 260 °C for 3 seconds
Manual Soldering��� 300 °C for 3 seconds
Product Dimensions
B
C
A
2
(.079)
2.5
(.098)
8.7
(.343)
13.9
(.547)
7
(.276)
9
(.354)
17
(.669)
3.5
(.138)
1
(.039)
0.8
(.031)
2
(.079)
4
(.157)
11.5
(.452)
6
(.236)
23.6 ± 0.1
(.929 ± .004)
11.5 ± 0.3
(.453 ± .012)
3
(.118)
4
(.157)
4 PLCS.
3
(.118)
4 PLCS.
3
(.118)
3
(.118)
2
(.079)
5
(.197)
6.5
(.256)
3.5
(.138)
7.5
(.295)
2
(.079)
1.1
(.043)
2.1
(.083)
4.6
(.181)
3.5
(.138)
13
(.512)
17
(.669)
8.7
(.343)
0.3
(.012)
C:
0.5
(.020)
C:
3 PLCS.
11.5
(.453)
MAX.
R:
Quadrature Output Table
Suggested Filter Circuit
Recommended PCB Layout
20.44
(.805)
17
(.669)
5.9
(.232)
13
(.512)
6
(.236)
B
C
A
1.5
(.059)
DIA.
2 PLCS.
1
(.039)
DIA.
3 PLCS.
2.05
(.081)
DIA.
2.1
(.083)
DIA.
ON
OFF
ON
OFF
CW
D
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12
DIMENSIONS:
MM
(INCHES)
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
DIMENSIONS:
MM
(INCHES)
CAUTION
Donotstoreproductinhightemperature
andhumidity,directsunlightand/orplaces
wherecorrosivegasesmaybegenerated.Pleaseuse
productwithin6monthsfromthedateofdeliveryand
promptlyafterunpacking.
* RoHSDirective2015/863,Mar31,2015andAnnex.
**Devicesaretestedusingstandardnoisereductionfilters.Foroptimum
performance,designersshouldusenoisereductionfiltersintheircircuits.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverify
actualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegal
disclaimersassetforthonthelastpageofthisdocument,andat
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - PER23

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PER20 EDI-PER20 Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
logo
Bourns Electronic Solut...
PER21 BOURNS-PER21 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER211-P115-N0009 BOURNS-PER211-P115-N0009 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER28 BOURNS-PER28 Datasheet
405Kb / 2P
28 mm Low Profile Incremental Ring Encoder
PER281-P115-N0015 BOURNS-PER281-P115-N0015 Datasheet
405Kb / 2P
28 mm Low Profile Incremental Ring Encoder
More results

Similar Description - PER23

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
PER28 BOURNS-PER28 Datasheet
405Kb / 2P
28 mm Low Profile Incremental Ring Encoder
PER35 BOURNS-PER35 Datasheet
560Kb / 3P
35 mm Low Profile Incremental Ring Encoder
PER56 BOURNS-PER56 Datasheet
458Kb / 3P
56 mm Low Profile Incremental Ring Encoder
PER21 BOURNS-PER21 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER60 BOURNS-PER60 Datasheet
494Kb / 3P
PER60 - 60 mm Low Profile Incremental Ring Encoder
12/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com