Electronic Components Datasheet Search
  English  ▼

X  

VACOMEGASECRH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VACOMEGASECRH
Description  Omega Supreme Plus Electronic Vacuum 230V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VACOMEGASECRH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VACOMEGASECRH Datasheet HTML 1Page - List of Unclassifed Manufacturers VACOMEGASECRH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
VACOSE220
DIMENSIONS
Length: 20” (508 mm)
Width: 6.25” (159 mm)
Height: 9.25” (235 mm)
WEIGHT 11.85 lbs. (5.05 kg)
HOSE DIAMETER
Inside – 1.00” (25.4 mm)
Outside – 1.25” (31.75 mm)
POWER
230 450W
CFM
86 CFM
FILTRATION
UltraFine
88% Efficient at .3 Micron
1 Gallon Dry
43 Pleat Cellulose
GENERAL INFORMATION
PACKAGING
Dimensions:
L
W
H
Inches: 20.25 7.75 10.75
mm: 514 197 273
Weight: 13.1 lbs.
5.95 kg
HS Code
8508.11.0000
UPC
8 38067 00315 9
INCLUDED CONTENTS
A – Omega Supreme Plus Electronic Vac by Atrix
B – 66021A-230V Detachable European Power Cord
C – 31652- Crevice Tool Brush
D – 31654- ESD Safe Crevice Tool
E – 31657- ESD Safe Flexible Gooseneck Tool
F – 31671- ESD Safe 10’ Stretch Hose
G – 32650- ESD Safe Needle Nozzle
H – 31653- ESD Safe Round Dust Brush
I – 31700C- Fine Filtration Filter Cartridge
J – 410017- Filter Plug
K – AVPA016- Adjustable Shoulder Strap
L – AVPA005- Hose End Plugs (2)
CERTIFICATION
Ultrafine Vacuums Built to Last. Quality Assured.
www.atrix.com | sales@atrix.com | 1-800-222-6154 | Burnsville, MN, USA
I
J
K
L
L
H
G
F
E
D
C
B
A
OPTIONAL ACCESSORIES
Omega Series Filter Cartridge
OF612HE
Esd Safe Toner & Dust Filter
31800-1P
Toner Proof Stretch Hose 16’
ESD Safe – 31681
Omega Supreme Plus Electronic Vacuum 230V
by Atrix



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com