Electronic Components Datasheet Search
  English  ▼

X  

OPA182 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA182
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA182 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA182 Datasheet HTML 14Page - Texas Instruments OPA182 Datasheet HTML 15Page - Texas Instruments OPA182 Datasheet HTML 16Page - Texas Instruments OPA182 Datasheet HTML 17Page - Texas Instruments OPA182 Datasheet HTML 18Page - Texas Instruments OPA182 Datasheet HTML 19Page - Texas Instruments OPA182 Datasheet HTML 20Page - Texas Instruments OPA182 Datasheet HTML 21Page - Texas Instruments OPA182 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
8 Detailed Description
8.1 Overview
The OPAx182 family of operational amplifiers combine precision offset and drift with excellent overall
performance, making these devices a great choice for many precision applications. The precision offset drift
of only 0.005 µV/°C provides stability over the entire temperature range. In addition, these devices offer
excellent linear performance with high CMRR, PSRR, and AOL. As with all amplifiers, applications with noisy
or high-impedance power supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF
capacitors are adequate. See the Layout Guidelines section for details and a layout example.
The OPAx182 are zero-drift, MUX-friendly, rail-to-rail output operational amplifiers. The devices operate from
4.5 V to 36 V, are unity-gain stable, and a great choice for a wide range of general-purpose and precision
applications. The zero-drift architecture provides ultra-low input offset voltage and near-zero input offset voltage
drift over temperature and time. This choice of architecture also offers outstanding ac performance, such as
ultra-low broadband noise, zero flicker noise, and outstanding distortion performance when operating below the
chopper frequency.
8.2 Functional Block Diagram
The functional block diagram shows a representation of the proprietary OPAx182 architecture.
+IN
±IN
OUT
Ripple Reduction
Technology
CLK
CLK
GM3
CCOMP
CCOMP
36-V Differential
Front End
Slew Boost
Circuitry
GM1
GM2
OPA182, OPA2182, OPA4182
SBOS936E – NOVEMBER 2019 – REVISED AUGUST 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com