Electronic Components Datasheet Search
  English  ▼

X  

AL20F486S Datasheet(PDF) 1 Page - Astec America, Inc

Part # AL20F486S
Description  66Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AL20F486S Datasheet(HTML) 1 Page - Astec America, Inc

  AL20F486S Datasheet HTML 1Page - Astec America, Inc AL20F486S Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
Electrical Specs
66Watts
AEO/ALO25
High Efficiency
• 2.3” x 0.9” Industry Standard 8th brick outline
• Baseplate or Openframe construction
• Low Ripple and Noise
• Regulation to zero load
• High Capacitive Load start-up
• Fixed Switching Frequency
• Industry Standard features: Input UVLO with
hysteresis, Enable, OVP, OCP, OTP, Output
VoltageTrim, Differential Remote Sense
• Meets Basic Insulation
Environmental
Operating ambient temperature: -40°C to +85°C
Storage temperature: -55°C to +125°C
MTBF: >1 million hours
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency1
1.8V @ 90% (typical)
Output
Line / Load Regulation
< 0.1% VO
Load Current
Up to 25A for Vo
1.8V
Ripple and Noise2
20mVPK-PK at 1.8VO (typical)
Transient Response
2% typical deviation
50% to 75% step load
250ms settling time (typical)
Over Voltage Protection
130% VO Typ (autorecovery)
Over Current Protection
120% IO,max Typ (autorecovery)
Over Temperature
110ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
Fixed Frequency
Isolation Voltage
1500Vdc
Control
Output Voltage Trim
±10% VO
Enable
TTL compatible
(Positive or Negative Logic)
Safety
UL, cUL 60950 Recognized
TUV EN60950 Licensed
Total Power:
66 Watts
Input Voltages:
48V
No. of Outputs:
Single


Similar Part No. - AL20F486S

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
AL20 RICHCO-AL20 Datasheet
52Kb / 1P
CABLE CLAMPS, ALUMINUM
01-18-95
logo
Campbell Scientific Uni...
AL200 CAMPBELL-AL200 Datasheet
514Kb / 2P
ALERT2 Encoder, Modulator, and Sensor Interface
12/27/2023
logo
MKS Instruments.
AL20000 MKS-AL20000 Datasheet
240Kb / 4P
INDUSTRIAL MICROWAVE GENERATORS 2450 MHZ
AL20020 MKS-AL20020 Datasheet
240Kb / 4P
INDUSTRIAL MICROWAVE GENERATORS 2450 MHZ
AL20030 MKS-AL20030 Datasheet
240Kb / 4P
INDUSTRIAL MICROWAVE GENERATORS 2450 MHZ
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com