Electronic Components Datasheet Search
  English  ▼

X  

12103C104MAZ2A Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # 12103C104MAZ2A
Description  MLCC with FLEXITERM®
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

12103C104MAZ2A Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  12103C104MAZ2A Datasheet HTML 1Page - Kyocera Kinseki Corpotation 12103C104MAZ2A Datasheet HTML 2Page - Kyocera Kinseki Corpotation 12103C104MAZ2A Datasheet HTML 3Page - Kyocera Kinseki Corpotation 12103C104MAZ2A Datasheet HTML 4Page - Kyocera Kinseki Corpotation 12103C104MAZ2A Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
67
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.040)
1.27
(0.050)
1.40
(0.055)
1.52
(0.060)
1.78
(0.070)
2.29
(0.090)
2.54
(0.100)
2.79
(0.110)
PAPER
EMBOSSED
Size
0402
0603
0805
1206
1210
1812
2220
Soldering
Reflow/ Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
Reflow Only
Reflow Only
WVDC
16V 25V 50V 10V 16V 25V 50V 100 V 200V 250V 16V 25V 50V 100 V 200V 250V 16V 25V 50V 100 V 200V 250V 500V 16V 25V 50V 100V 50V 100 V 25V 50V 100 V
221 Cap
220 C
C
C
C
271 (pF)
270 C
C
C
331
330 C
C
C
391
390 C
C
C
471
470 C
C
C
561
560 C
C
C
681
680 C
C
C
821
820 C
C
C
102
1000 C
C
C
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
N
N
182
1800 C
C
C
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
N
N
222
2200 C
C
C
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
N
N
332
3300 C
C
C
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
N
N
472
4700 C
C
C
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
N
N
103 Cap
0.01 C
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
N
N
123 (μF) 0.012 C
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
N
N
153
0.015 C
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
N
N
183
0.018 C
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
N
N
223
0.022 C
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
N
N
273
0.027 C
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
N
N
333
0.033 C
G
G
G
J
J
J
N
N
N
J
J
J
J
J
J
K
K
K
K
N
N
473
0.047
G
G
G
J
J
J
N
N
N
J
J
J
M
J
J
K
K
K
K
N
N
563
0.056
G
G
G
J
J
J
N
J
J
J
M
J
J
K
K
K
M
N
N
683
0.068
G
G
G
J
J
J
N
J
J
J
M
J
J
K
K
K
M
N
N
823
0.082
G
G
G
J
J
J
N
J
J
J
M
J
J
K
K
K
M
N
N
104
0.1 C
G
G
G
J
J
J
N
J
J
J
M
J
J
K
K
K
M
N
N
124
0.12
J
J
N
N
J
J
M
M
K
K
K
P
N
N
154
0.15
M
N
N
N
J
J
M
M
K
K
K
P
N
N
224
0.22
G
J
J
J
M
N
N
N
J
M
M
Q
M
M
M
P
N
N
334
0.33
N
N
N
N
J
M
P
Q
P
P
P
Q
X
X
474
0.47
J
J
J
N
N
N
N
M
M
P
Q
P
P
P
Q
X
X
684
0.68
N
N
N
N
M
Q
Q
Q
P
P
Q
X
X
X
105
1
N
N
N
N
M
Q
Q
Q
P
Q
Q
Z
X
X
155
1.5
N
N
Q
Q
Q
P
Q
Z
Z
X
X
225
2.2
N
N
Q
Q
Q
X
Z
Z
Z
Z
Z
335
3.3
Q
Q
X
Z
Z
Z
Z
475
4.7
Q
Q
X
Z
Z
Z
Z
Z
106
10
Z
Z
Z
Z
Z
226
22
Z
WVDC
16V 25V 50V 10V 16V 25V 50V 100 V 200V 250V 16V 25V 50V 100 V 200V 250V 16V 25V 50V 100 V 200V 250V 500V 16V 25V 50V 100 V 50V 100 V 25V 50V 100 V
Size
0402
0603
0805
1206
1210
1812
2220
MLCC with FLEXITERM®
X7R Dielectric
Capacitance Range
111020
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– surface mount ceramic capacitor products –



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com