Electronic Components Datasheet Search
  English  ▼

X  

SS82 Datasheet(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # SS82
Description  Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

SS82 Datasheet(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  SS82 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. SS82 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD. SS82 Datasheet HTML 3Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 / 3
www.diode.co.kr
■ Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
SS82
SS84
SS86
SS810
SS815
SS820
Thermal
Resistance
Between junction and ambient
RθJ-A
℃
/W
45(1)
Between junction and lead
RθJ-L
2
1 1)
Note (1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas
■ Ordering Information (Example)
PREFERED P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
SS82~SS820
F1
Approximate 0.254
3000
6000
42000
13” reel
■
Characteristics (Typical)
0.1
0.3
TJ=25℃
Pulse width=300us
1% Duty Cycle
1.0
10
100
0.4
0.5
0.6
0.7
0.8
SS82
SS84
SS86
SS810
SS815-SS820
0.9
1.0
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
0
0
5
1
0
5
Resistive or Inductive LoadP.C.B.
Mounted on
0.6"×0.6"(16mm×16mm)Copper Pad
Areas
100
12.0
0
25
75
125
10.0
8.0
6.0
2.0
4.0
Lead Temperature (℃)
FIG.1: Io-TL Curve
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
0
200
160
120
80
40
Number of Cycles
FIG.2: Forward Surge Current Capability
Tj=25℃
Tj=100℃
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
SS810-SS820
SS86
SS82-SS84
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
SAM YANG
SS82-SS820
SAMYANG ELECTRONICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com