Electronic Components Datasheet Search
  English  ▼

X  

IRF7907PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7907PBF
Description  HEXFETR Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7907PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7907PBF Datasheet HTML 1Page - International Rectifier IRF7907PBF Datasheet HTML 2Page - International Rectifier IRF7907PBF Datasheet HTML 3Page - International Rectifier IRF7907PBF Datasheet HTML 4Page - International Rectifier IRF7907PBF Datasheet HTML 5Page - International Rectifier IRF7907PBF Datasheet HTML 6Page - International Rectifier IRF7907PBF Datasheet HTML 7Page - International Rectifier IRF7907PBF Datasheet HTML 8Page - International Rectifier IRF7907PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF7907PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 3. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 5. Typical Transfer Characteristics
Fig 6. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤ 60µs PULSE WIDTH
Tj = 150°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
1.0
2.0
3.0
4.0
5.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 15V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 150°C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤ 60µs PULSE WIDTH
Tj = 150°C
2.3V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
1.0
2.0
3.0
4.0
5.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 15V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com